Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HFE20-3/12-1D-S-T-L2-R Datasheet(PDF) 1 Page - Hongfa Technology

Part # HFE20-3/12-1D-S-T-L2-R
Description  16A switching capability
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFE20-3/12-1D-S-T-L2-R Datasheet(HTML) 1 Page - Hongfa Technology

  HFE20-3/12-1D-S-T-L2-R Datasheet HTML 1Page - Hongfa Technology HFE20-3/12-1D-S-T-L2-R Datasheet HTML 2Page - Hongfa Technology HFE20-3/12-1D-S-T-L2-R Datasheet HTML 3Page - Hongfa Technology HFE20-3/12-1D-S-T-L2-R Datasheet HTML 4Page - Hongfa Technology HFE20-3/12-1D-S-T-L2-R Datasheet HTML 5Page - Hongfa Technology HFE20-3/12-1D-S-T-L2-R Datasheet HTML 6Page - Hongfa Technology HFE20-3/12-1D-S-T-L2-R Datasheet HTML 7Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
::
KPOJID SHMDZ
LTP@778+LTP6UT8=@;@+LTP8;778+PKTDT8?778+LHFR RF 7?7777 FHSULILHG
Ficf jiq_l
Tchaf_ ]icf f[n]bchaA Djjlir ;77gX
Gio\f_ ]icfm f[n]bchaA Djjlir =77gX
Gc_f_]nlc]
mnl_hanb
Tbi]e
l_mcmn[h]_
AVSab_V`
978= S_p5 8587
Icf_ Oi5AH8:;<8>
Icf_ Oi5A ;77:8?:8
Icf_ Oi5A FRF8;77988:>9?
G]aV`< Phfs nsjc][f fi[^m [l_ ccmn_^ [\ip_5inb_l fi[^ mj_]c`c][ncihm ][h
\_ [p[cf[\f_ ojih l_ko_mn5
97D 9<7WDF [n >7
8=D 9<7WDF [n ?<
85<KQ 9<7WDF [n ;7
OPA97D 9<7WDF [n >7
8=D 9<7WDF [n ?<
OFA8=D 9<7WDF [n ?<
8 Iilg D
CA@97
>HGL=>L ?=L=
>C=J=>L@JDKLD>K
FDGD=LMJ@ CDBC IHO@J E=L>CDGB J@E=Q
>HDE ?=L=
Ficf S_mcmn[h]_
r08 87-1
8D3 8E3 8F
97g g[r5 0[n 8D 9;WGF1
DaThP93 X2DaThP9
8r87=PQT
9>>WDF
97D
;777WD
8777N 0[n <77WGF1
;777WDF 8gch
8777WDF 8gch
?gg
87777W
87gm g[r5
87gm g[r5
@?g6m
9
@?7g6m
9
87Kt ni <<Kt 85<gg GD
<- ni ?<- SK
QFE
4;7
ni ?<
Djjlir5 8:a
Qf[mnc] m_[f_^3 Ifor jlii`_^
:
<
=
@
89
9;
Tchaf_ ]icf f[n]bcha
995<
=95<
@7
9795<
:=7
8;;7
95;
;57
;5?
>59
@5=
8@59
Fihn[]n [ll[ha_g_hn
Fihn[]n l_mcmn[h]_
Fihn[]n g[n_lc[f
[n 9:
Lhmof[ncih l_mcmn[h]_
E_nq__h ]icf . ]ihn[]nm
E_nq__h ij_h ]ihn[]nm
Fl__j[a_ ^cmn[h]_
Tola_ pifn[a_0E_nq__h ]icf . ]ihn[]nm1
T_n ncg_ 0[n higc5 pifn51
S_m_n ncg_ 0[n higc5 pifn51
Ioh]ncih[f
G_mnlo]ncp_
Wc\l[ncih l_mcmn[h]_
Kogc^cns
Dg\c_hn n_gj_l[nol_
U_lgch[ncih
Vhcn q_cabn
Fihmnlo]ncih
>HDE
Hf_]nlc][f _h^ol[h]_
T__ ,Fihn[]n l[ncha,
Fihn[]n l[ncha
8D38EA 8=D 9<7WDF38r87< PQT
0S_mcmncp_3[n ?< 3 8m ih @m i``1
8D38EA 97D 9<7WDF39r87; PQT
0
S_mcmncp_3[n >7 3 8m ih @m i``1
8D38EA 85<KQ 9<7WDF;r87; PQT
0Ninil3 [n
;7 3 75<m ih 75<m i``1
8D38EA ?D 997WDF FPTxC75;3 8r87<PQT
0Lh^o]ncp_3 [n
?< 38m ih @m i``1
KIH97486Y48KGA ::77X 9>>WDF39r87;PQT
0Hf_]nlihc] l_]nc`c_l3[n
;7 38m ih @m i``1
8FA 8=D 9<7WDF3<r87; PQT
0S_mcmncp_3 [n
?< 3 :m ih :m i``1
Oigch[f
Wifn[a_
WGF
T_n 6 S_m_n
Wifn[a_
WGF
g[r5
Qofm_
Gol[ncih
gm
gch5
<7
<7
<7
<7
<7
<7
K=A@LQ =IIJHN=E J=LDGBK
ME6>ME
N?@
N[r5 mqcn]bcha pifn[a_
N[r5 mqcn]bcha ]oll_hn
N[r5 mqcn]bcha jiq_l
N_]b[hc][f _h^ol[h]_
G]aV`< Ub_ ^[n[ mbiqh [\ip_ [l_ chcnc[f p[fo_m5
N
?@
8 Iilg D
8 Iilg F
8 Iilg F
- 8=D mqcn]bcha ][j[\cfcns
- M[n]bcha l_f[s
- K[p_ j[mm_^ UW4? 0VM1 ]_lnc`c][ncih
- Lhlomb ]oll_hn F[j[]cnil
<77D69gm [h^ :97D69gm
0Fihn[]n g[n_lc[fA X2DaThP9 [h^ DaThP91
- Hhpclihg_hn[f `lc_h^fs jli^o]n 0SiKT ]igjfc[hn1
- Ponfch_ Gcg_hmcihmA 09@57 r 895> r 8<5>1gg
8=D 9<7WDF0FPTxC81 [n ?<
97D 9<7WDF0FPTxC81 [n >7
8=D 9<7WDF0FPTxC81 [n ?<
?D 9<7WDF 0FPTxC75;1 [n ?<


Similar Part No. - HFE20-3/12-1D-S-T-L2-R

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFE20-3/12-1DSD-L1-R HONGFA-HFE20-3/12-1DSD-L1-R Datasheet
1Mb / 7P
MINIATURE HIGH POWER LATCHING RELAY
HFE20-3/12-1DSD-L2-R HONGFA-HFE20-3/12-1DSD-L2-R Datasheet
1Mb / 7P
MINIATURE HIGH POWER LATCHING RELAY
HFE20-3/12-1DST-L1-R HONGFA-HFE20-3/12-1DST-L1-R Datasheet
1Mb / 7P
MINIATURE HIGH POWER LATCHING RELAY
HFE20-3/12-1DST-L2-R HONGFA-HFE20-3/12-1DST-L2-R Datasheet
1Mb / 7P
MINIATURE HIGH POWER LATCHING RELAY
More results

Similar Description - HFE20-3/12-1D-S-T-L2-R

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFE39 HONGFA-HFE39_17 Datasheet
68Kb / 5P
16A switching capabilty
logo
CIT Relay & Switch
J114AF CIT-J114AF Datasheet
105Kb / 3P
Switching capacity 16A
J114FL CIT-J114FL Datasheet
104Kb / 4P
Switching capacity 16A
logo
Ningbo Tianbo Ganglian ...
HJR-3FF TIANBO-HJR-3FF Datasheet
528Kb / 3P
10A switching capability
logo
Ningbo songle relay co....
SLM SONGLERELAY-SLM Datasheet
4Mb / 2P
35A switching capability
logo
Ningbo Tianbo Ganglian ...
HJR-21FF TIANBO-HJR-21FF Datasheet
1Mb / 3P
12A switching capability
TRA1 TIANBO-TRA1 Datasheet
1Mb / 3P
10A switching capability
TRA1H TIANBO-TRA1H Datasheet
1Mb / 3P
16A switching capability
TRA2 TIANBO-TRA2 Datasheet
1Mb / 3P
16A switching capability
logo
Rohm
2SK2711 ROHM-2SK2711 Datasheet
143Kb / 4P
Switching (250V, 16A)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com