Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HFE20-3/12-1D-S-T-L2-R Datasheet(PDF) 7 Page - Hongfa Technology

Part # HFE20-3/12-1D-S-T-L2-R
Description  16A switching capability
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFE20-3/12-1D-S-T-L2-R Datasheet(HTML) 7 Page - Hongfa Technology

  HFE20-3/12-1D-S-T-L2-R Datasheet HTML 1Page - Hongfa Technology HFE20-3/12-1D-S-T-L2-R Datasheet HTML 2Page - Hongfa Technology HFE20-3/12-1D-S-T-L2-R Datasheet HTML 3Page - Hongfa Technology HFE20-3/12-1D-S-T-L2-R Datasheet HTML 4Page - Hongfa Technology HFE20-3/12-1D-S-T-L2-R Datasheet HTML 5Page - Hongfa Technology HFE20-3/12-1D-S-T-L2-R Datasheet HTML 6Page - Hongfa Technology HFE20-3/12-1D-S-T-L2-R Datasheet HTML 7Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
:@
u Yc[g_h Kiha`[ Hf_]nli[]iomnc] Fi53 Mn^5 Dff lcabnm i` Kiha`[ [l_ l_m_lp_^5
Gcm]f[cg_l
Ub_ mj_]c`c][ncih cm `il l_`_l_h]_ ihfs5 Tj_]c`c][ncihm mo\d_]n ni ]b[ha_ qcnbion hinc]_5
X_ ]iof^ hin _p[fo[n_ [ff nb_ j_l`ilg[h]_ [h^ [ff nb_ j[l[g_n_lm `il _p_ls jimmc\f_ [jjfc][ncih5 Ubom nb_ om_l mbiof^ \_ ch [ lcabn jimcncih ni
]biim_ nb_ mocn[\f_ jli^o]n `il nb_cl iqh [jjfc][ncih5 L` nb_l_ cm [hs ko_ls3 jf_[m_ ]ihn[]n Kiha`[ `il nb_ n_]bhc][f m_lpc]_5 Kiq_p_l3 cn cm nb_ om_l/m
l_mjihmc\cfcns ni ^_n_lgch_ qbc]b jli^o]n mbiof^ \_ om_^ ihfs5
G]aYTV<
85 M[n]bcha l_f[s cm ih nb_ yl_m_nz il ,m_n, mn[nom qb_h \_cha l_f_[m_^ `lig mni]e3 qcnb nb_ ]ihmc^_l[ncih i` mbi]e lcm_h `lig nl[hmcn
[h^ l_f[s giohncha3 l_f[s qiof^ \_ ]b[ha_^ ni ym_nz il ,l_m_n, mn[nom3 nb_l_`il_3 qb_h [jjfc][ncih 0 ]ihh_]ncha nb_ jiq_l mojjfs13
jf_[m_ l_m_n nb_ l_f[s ni ym_nz il yl_m_nz mn[nom ih l_ko_mn5
95 Lh il^_l ni g[chn[ch ym_nz il yl_m_nz mn[nom3 _h_lact_^ pifn[a_ ni ]icf mbiof^ l_[]b nb_ l[n_^ pifn[a_3 cgjofm_ qc^nb mbiof^ \_ <
ncg_m gil_ nb[h ym_nz il yl_m_nz ncg_5 Gi hin _h_lact_ pifn[a_ ni ym_nz ]icf [h^ yl_m_nz ]icf mcgofn[h_iomfs5 Dh^ [fmi fiha _h_lact_^
ncg_ 0gil_ nb[h 8 gch1 mbiof^ \_ [pic^_^5
:5 Xb_h ]biim_ nb_ l_f[s qcnb QFE n_lgch[ncih3 nb_ l_]igg_h^_^ q_f^cha n_gj_l[nol_ l[ha_ [h^ ^ol[ncih cm 9;7vF ni 9=7vF3
9m ni <mB Qf_[m_ ^i hin om_ nb_ l_`fiq q_f^cha g_nbi^3 c` nb_ l_`fiq cm l_[ffs l_kocl_^3 jf_[m_ ]ihn[]n iol n_]bhc][fmB nb_ hilg[f
l_]igg_^_^ q[p_ mif^_lcha n_gj_l[nol_ cm 9<7vF qcnbch 9mB nb_ \_fiq ]b[ln cm nb_ q[p_ mif^_lcha n_gj_l[nol_ ^cmnlc\oncih
]b[ln q_ l_]igg_h^_^ `il siol l_`_l_h]_5
9<7
977
8<7
877
<7
7
7 9 = 89 97 9? :< ;: <8 <@ == >; ?9 ?@
@> 87>
88?
8:7
8;9
8<:
8=<
8>=
8?=
Ql_4b_[ncha 9
K_[n ]igj_hm[ncih [l_[
Ql_4b_[ncha :
Ql_4b_[ncha 8
X[p_ mif^_lcha n_gj_l[nol_ ^cmnlc\oncih ]b[ln
Fiifcha [l_[
HMLEDG@ ?DF@GKDHGK =G? ODJDGB ?D=BJ=F
VhcnA gg



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com