Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NECVR4102 Datasheet(PDF) 68 Page - Epson Company

Part # NECVR4102
Description  SED1374 Embedded Memory Color LCD Controller
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

NECVR4102 Datasheet(HTML) 68 Page - Epson Company

Back Button NECVR4102 Datasheet HTML 64Page - Epson Company NECVR4102 Datasheet HTML 65Page - Epson Company NECVR4102 Datasheet HTML 66Page - Epson Company NECVR4102 Datasheet HTML 67Page - Epson Company NECVR4102 Datasheet HTML 68Page - Epson Company NECVR4102 Datasheet HTML 69Page - Epson Company NECVR4102 Datasheet HTML 70Page - Epson Company NECVR4102 Datasheet HTML 71Page - Epson Company NECVR4102 Datasheet HTML 72Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 420 page
background image
Page 60
Epson Research and Development
Vancouver Design Center
SED1374
Hardware Functional Specification
X26A-A-001-02
Issue Date: 99/04/29
bits 4-0
FPLINE Start Position
These bits are used in TFT/MD-TFD mode to specify the position of the FPLINE pulse.
These bits specify the delay, in 8-pixel resolution, from the end of a line of display data
(FPDAT) to the leading edge of FPLINE. This register is effective in TFT/MD-TFD mode
only (REG[01h] bit 7 = 1). This register is programmed as follows:
The following constraint must be satisfied:
bits 4-0
Horizontal Non-Display Period
These bits specify the horizontal non-display period in 8-pixel resolution.
bits 5-0
FPFRAME Start Position
These bits are used in TFT/MD-TFD mode to specify the position of the FPFRAME pulse.
These bits specify the number of lines between the last line of display data (FPDAT) and
the leading edge of FPFRAME. This register is effective in TFT/MD-TFD mode only
(REG[01h] bit 7 = 1).
The contents of this register must be greater than zero and less than or equal to the Vertical
Non-Display Period Register, i.e.
REG[07h] FPLINE Start Position
Address = FFE7h
Read/Write
n/a
n/a
n/a
FPLINE Start
Position Bit 4
FPLINE Start
Position Bit 3
FPLINE Start
Position Bit 2
FPLINE Start
Position Bit 1
FPLINE Start
Position Bit 0
REG[08h] Horizontal Non-Display Period
Address = FFE8h
Read/Write
n/a
n/a
n/a
Horizontal
Non-Display
Period Bit 4
Horizontal
Non-Display
Period Bit 3
Horizontal
Non-Display
Period Bit 2
Horizontal
Non-Display
Period Bit 1
Horizontal
Non-Display
Period Bit 0
REG[09h] FPFRAME Start Position
Address = FFE9h
Read/Write
n/a
n/a
FPFRAME
Start Position
Bit 5
FPFRAME
Start Position
Bit 4
FPFRAME
Start Position
Bit 3
FPFRAME
Start Position
Bit 2
FPFRAME
Start Position
Bit 1
FPFRAME
Start Position
Bit 0
FPLINEposition pixels
()
REG 07h
[] 2
+
() 8
×
=
REG 07h
[] REG 08h
[]
≤
HorizontalNonDisplayPeriod pixels
()
REG 08h
[] 4
+
() 8
×
=
FPFRAMEposition lines
() REG 09h
[]
=
1REG 09h
[] REG 0Ah
[]
≤≤



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com