Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4851 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4851
Description  Integrated Audio Amplifier System
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4851 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM4851 Datasheet HTML 1Page - National Semiconductor (TI) LM4851 Datasheet HTML 2Page - National Semiconductor (TI) LM4851 Datasheet HTML 3Page - National Semiconductor (TI) LM4851 Datasheet HTML 4Page - National Semiconductor (TI) LM4851 Datasheet HTML 5Page - National Semiconductor (TI) LM4851 Datasheet HTML 6Page - National Semiconductor (TI) LM4851 Datasheet HTML 7Page - National Semiconductor (TI) LM4851 Datasheet HTML 8Page - National Semiconductor (TI) LM4851 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Absolute Maximum Ratings (Note 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
6.0V
Storage Temperature
−65˚C to +150˚C
ESD Susceptibility (Note 4)
2.0kV
ESD Machine model (Note 7)
200V
Junction Temperature (T
J)
150˚C
Solder Information (Note 1)
Vapor Phase (60 sec.)
215˚C
Infrared (15 sec.)
220˚C
Thermal Resistance
θ
JA (typ) - LQA24A
42˚C/W
θ
JC (typ) - LQA24A
3.0˚C/W
θ
JA (typ) - BLA18AAB
48˚C/W (Note 9)
θ
JC (typ) - BLA18AAB
23˚C/W (Note 9)
θ
JA (typ) - TLA18AAA
48˚C/W (Note 9)
θ
JC (typ) - TLA18AAA
23˚C/W (Note 9)
Operating Ratings (Note 3)
Temperature Range
−40˚C to 85˚C
Supply Voltage V
DD
2.6V
≤ V
DD
≤ 5.0V
Note 1: See AN-450 "Surface Mounting and their effects on Product Reli-
ability" for other methods of soldering surface mount devices.
Electrical Characteristics (Notes 2, 8)
The following specifications apply for V
DD= 5.0V, TA= 25˚C unless otherwise specified.
Symbol
Parameter
Conditions
LM4851
Units
(Limits)
Typical
(Note 5)
Limit
(Note 6)
I
DD
Supply Current
Output mode 7
V
IN = 0V; IO =0A
7.5
14
mA (max)
Output modes 1, 2, 3, 4, 5, 6
V
IN = 0V; IO =0A
5.0
9.0
mA (max)
I
DD
Shutdown Current
Output mode 0
0.1
2
µA (max)
V
OS
Output Offset Voltage
V
IN = 0V
5.0
50
mV (max)
P
O
Output Power
SPKR
OUT;RL =4
Ω
THD+N = 1%; f = 1kHz
LM4851LQ
1.5
W
SPKR
OUT;RL =8
Ω
THD+N = 1%; f = 1kHz
1.1
0.8
W (min)
R
OUT and LOUT;RL =32
Ω
THD+N = 0.5%; f = 1kHz
115
80
mW (min)
THD+N
Total Harmonic Distortion Plus
Noise
R
OUT and LOUT; f = 1kHz
P
OUT = 80mW; RL =32
Ω
0.5
% (max)
SPKR
OUT; f = 1kHz
P
OUT = 800mW; RL =8
Ω
1.0
% (max)
R
OUT and LOUT; f = 20Hz to 20kHz
P
OUT = 100mW; RL =32
Ω
0.3
%
SPKR
OUT; f = 20Hz to 20kHz
P
OUT = 1W; RL =4
Ω
LM4851LQ
0.3
%
SPKR
OUT; f = 20Hz to 20kHz
P
OUT = 800mW; RL =8
Ω
0.3
%
N
OUT
Output Noise
A-weighted (Note 10)
29
µV
PSRR
Power Supply Rejection Ratio
V
RIPPLE = 200mVPP; f = 217Hz
Input floating; Input referred
70
dB
V
RIPPLE = 200mVPP; f = 217Hz
Input terminated into 50
Ω; Output referred
62
dB
V
IH
Logic High Input Voltage
1.4
5.0
V (min)
V (max)
V
IL
Logic Low Input Voltage
0.4
V (max)
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com