Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4851 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4851
Description  Integrated Audio Amplifier System
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4851 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM4851 Datasheet HTML 2Page - National Semiconductor (TI) LM4851 Datasheet HTML 3Page - National Semiconductor (TI) LM4851 Datasheet HTML 4Page - National Semiconductor (TI) LM4851 Datasheet HTML 5Page - National Semiconductor (TI) LM4851 Datasheet HTML 6Page - National Semiconductor (TI) LM4851 Datasheet HTML 7Page - National Semiconductor (TI) LM4851 Datasheet HTML 8Page - National Semiconductor (TI) LM4851 Datasheet HTML 9Page - National Semiconductor (TI) LM4851 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Note 7: Machine Model ESD test is covered by specification EIAJ IC-121-1981. A 200pF cap is charged to the specified voltage, then discharged directly into the
IC with no external series resistor (resistance of discharge path must be under 50
Ω).
Note 8: All voltages are measured with respect to the ground pin, unless otherwise specified.
Note 9: The given
θJA and θJC is for an LM4851 mounted on a demonstration board witha4in2 area of 1oz printed circuit board copper ground plane.
Note 10: Please refer to the Output Noise vs Output Mode table in the Typical Performance Characteristics section for more details.
External Components Description
Figure 1
Components
Functional Description
1.
C
in
This is the input coupling capacitor. It blocks the DC voltage at, and couples the the input signal to, the
amplifier’s input terminals. C
i, also creates a highpass filter with the internal resistor Ri at fc = 1/(2
πR
iCi).
2.
C
s
This is the supply bypass capacitor. It provides power supply filtering.
3.
C
B
This is the BYPASS pin capacitor. It provides half-supply filtering.
Typical Performance Characteristics
THD+N vs Frequency (LM4851LQ)
THD+N vs Frequency (LM4851LQ)
200408B4
200408B5
THD+N vs Frequency
THD+N vs Frequency
20040863
20040864
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com