Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4851 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4851
Description  Integrated Audio Amplifier System
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4851 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM4851 Datasheet HTML 1Page - National Semiconductor (TI) LM4851 Datasheet HTML 2Page - National Semiconductor (TI) LM4851 Datasheet HTML 3Page - National Semiconductor (TI) LM4851 Datasheet HTML 4Page - National Semiconductor (TI) LM4851 Datasheet HTML 5Page - National Semiconductor (TI) LM4851 Datasheet HTML 6Page - National Semiconductor (TI) LM4851 Datasheet HTML 7Page - National Semiconductor (TI) LM4851 Datasheet HTML 8Page - National Semiconductor (TI) LM4851 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Electrical Characteristics (Notes 2, 8) (Continued)
The following specifications apply for V
DD= 3.0V, TA= 25˚C unless otherwise specified.
Symbol
Parameter
Conditions
LM4851
Units
(Limits)
Typical
(Note 5)
Limit
(Note 6)
THD+N
Total Harmonic Distortion Plus
Noise
R
OUT and LOUT; f = 1kHz
P
OUT = 20mW; RL =32
Ω
0.5
% (max)
SPKR
OUT; f = 1kHz
P
OUT = 300mW; RL =8
Ω
1.0
% (max)
R
OUT and LOUT; f = 20Hz to 20kHz
P
OUT = 20mW; RL =32
Ω
0.4
%
SPKR
OUT; f = 20Hz to 20kHz
P
OUT = 300mW; RL =4
Ω
LM4851LQ
0.3
%
SPKR
OUT; f = 20Hz to 20kHz
P
OUT = 250mW; RL =8
Ω
0.3
%
N
OUT
Output Noise
A-weighted (Note 10)
29
µV
PSRR
Power Supply Rejection Ratio
V
RIPPLE = 200mVPP; f = 217Hz
Input floating; Input referred
70
dB
V
RIPPLE = 200mVPP; f = 217Hz
Input terminated into 50
Ω; Output referred
62
dB
V
IH
Logic High Input Voltage
1.4
3.0
V (min)
V (max)
V
IL
Logic Low Input Voltage
0.4
V (max)
Digital Volume Range (R
IN and
L
IN)
Input referred minimum gain
Input referred maximum gain
-40.5
+6
dB
Digital Volume Stepsize
1.5
dB
Stepsize Error
±0.5
dB
Phone In Volume
BTL gain from
Phone In to SPKR
OUT
6dB
Phone In Volume
BTL gain from
Phone In to R
OUT,LOUT
0dB
Phone In Input Impedance
20
15
25
k
Ω (min)
k
Ω (max)
R
IN and LIN
50
37.5
62.5
k
Ω (min)
k
Ω (max)
t
ES
Enable Setup Time (ENB)
20
ns (min)
t
EH
Enable Hold Time (ENB)
20
ns (min)
t
EL
Enable Low Time (ENB)
30
ns (min)
t
DS
Data Setup Time (DATA)
20
ns (min)
t
DH
Data Hold Time (DATA)
20
ns (min)
t
CS
Clock Setup Time (CLK)
20
ns (min)
t
CH
Clock Logic High Time (CLK)
50
ns (min)
t
CL
Clock Logic Low Time (CLK)
50
ns (min)
t
CLK
Clock Frequency
DC
10
(min)
MHz (max)
Note 2: Absolute Maximum Rating indicate limits beyond which damage to the device may occur.
Note 3: Operating Ratings indicate conditions for which the device is functional, but do not guarantee specific performance limits. For guaranteed specifications and
test conditions, see the Electrical Characteristics. The guaranteed specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
Note 4: Human body model, 100pF discharged through a 1.5k
Ω resistor.
Note 5: Typical specifications are specified at +25˚C and represent the most likely parametric norm.
Note 6: Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis.
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com