Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4851 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4851
Description  Integrated Audio Amplifier System
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4851 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM4851 Datasheet HTML 1Page - National Semiconductor (TI) LM4851 Datasheet HTML 2Page - National Semiconductor (TI) LM4851 Datasheet HTML 3Page - National Semiconductor (TI) LM4851 Datasheet HTML 4Page - National Semiconductor (TI) LM4851 Datasheet HTML 5Page - National Semiconductor (TI) LM4851 Datasheet HTML 6Page - National Semiconductor (TI) LM4851 Datasheet HTML 7Page - National Semiconductor (TI) LM4851 Datasheet HTML 8Page - National Semiconductor (TI) LM4851 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Electrical Characteristics (Notes 2, 8) (Continued)
The following specifications apply for V
DD= 5.0V, TA= 25˚C unless otherwise specified.
Symbol
Parameter
Conditions
LM4851
Units
(Limits)
Typical
(Note 5)
Limit
(Note 6)
Digital Volume Range (R
IN and
L
IN)
Input referred minimum gain
Input referred maximum gain
-40.5
+6
dB
Digital Volume Stepsize
1.5
dB
Stepsize Error
±0.5
dB
Phone In Volume
BTL gain from
Phone In to SPKR
OUT
6dB
Phone In Volume
BTL gain from
Phone In to R
OUT,LOUT
0dB
Phone In Input Impedance
20
15
25
k
Ω (min)
k
Ω (max)
R
IN and LIN
50
37.5
62.5
k
Ω (min)
k
Ω (max)
t
ES
Enable Setup Time (ENB)
20
ns (min)
t
EH
Enable Hold Time (ENB)
20
ns (min)
t
EL
Enable Low Time (ENB)
30
ns (min)
t
DS
Data Setup Time (DATA)
20
ns (min)
t
DH
Data Hold Time (DATA)
20
ns (min)
t
CS
Clock Setup Time (CLK)
20
ns (min)
t
CH
Clock Logic High Time (CLK)
50
ns (min)
t
CL
Clock Logic Low Time (CLK)
50
ns (min)
t
CLK
Clock Frequency
DC
10
(min)
MHz (max)
Electrical Characteristics (Notes 2, 8)
The following specifications apply for V
DD= 3.0V, TA= 25˚C unless otherwise specified.
Symbol
Parameter
Conditions
LM4851
Units
(Limits)
Typical
(Note 5)
Limit
(Note 6)
I
DD
Supply Current
Output mode 7
V
IN = 0V; IO =0A
6.2
11
mA (max)
Output modes 1, 2, 3, 4, 5, 6
V
IN = 0V; IO =0A
4.0
7.0
mA (max)
I
DD
Shutdown Current
Output mode 0
0.1
2
µA (max)
V
OS
Output Offset Voltage
V
IN = 0V
5.0
50
mV (max)
P
O
Output Power
SPKR
OUT;RL =4
Ω
THD+N = 1%; f = 1kHz
LM4851LQ
430
mW
SPKR
OUT;RL =8
Ω
THD+N = 1%; f = 1kHz
340
300
mW (min)
R
OUT and LOUT;RL =32
Ω
THD+N = 0.5%; f = 1kHz
25
20
mW (min)
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com