Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SX28AC75-I/SS Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # SX28AC75-I/SS
Description  Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SX28AC75-I/SS Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button SX28AC75-I/SS Datasheet HTML 24Page - List of Unclassifed Manufacturers SX28AC75-I/SS Datasheet HTML 25Page - List of Unclassifed Manufacturers SX28AC75-I/SS Datasheet HTML 26Page - List of Unclassifed Manufacturers SX28AC75-I/SS Datasheet HTML 27Page - List of Unclassifed Manufacturers SX28AC75-I/SS Datasheet HTML 28Page - List of Unclassifed Manufacturers SX28AC75-I/SS Datasheet HTML 29Page - List of Unclassifed Manufacturers SX28AC75-I/SS Datasheet HTML 30Page - List of Unclassifed Manufacturers SX28AC75-I/SS Datasheet HTML 31Page - List of Unclassifed Manufacturers SX28AC75-I/SS Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
© 2000 Scenix Semiconductor, Inc. All rights reserved.
- 28 -
www.scenix.com
SX18AC/SX20AC/SX28AC/SX18AC75/SX20AC75/SX28AC75
Figure 12-3
shows
the
on-chip
Power-On
Reset
sequence where the MCLR and Vdd pins are tied
together. The Vdd signal is stable before the DRT time-
out period expires. In this case, the device will receive a
proper reset. However, Figure 12-4 depicts a situation
where Vdd rises too slowly. In this scenario, the DRT will
time-out prior to Vdd reaching a valid operating voltage
level (Vdd min). This means the device will come out of
reset and start operating with the supply voltage not at a
valid level. In this situation, it is recommended that you
use the external RC circuit shown in Figure 12-5. The RC
delay should exceed the time period it takes Vdd to reach
a valid operating voltage
Note 1: The external Power-On Reset circuit is required
only if Vdd power-up is too slow. The diode D helps dis-
charge the capacitor quickly when Vdd powers down.
Note 2: R < 40 k
Ω is recommended to make sure that
voltage drop across R does not violate the device electri-
cal specifications.
Note 3: R1 = 100
Ω to 1kΩ will limit any current flowing
into MCLR from external capacitor C. This helps prevent
MCLR pin breakdown due to Electrostatic Discharge
(ESD) or Electrical Overstress (EOS).
13.0
BROWN-OUT DETECTOR
The on-chip brown-out detection circuitry resets the
device when Vdd dips below the specified brown-out volt-
age. The device is held in reset as long as Vdd stays
below the brown-out voltage. The device will come out of
reset when Vdd rises above the brown-out voltage. The
brown-out level is preset to approximately 4.2V at the
factory. The brown-out circuit can be disabled through
BOR0 and BOR1 bits contained in the FUSEX Word reg-
ister.
Figure 12-3. Time-out Sequence on Power-up
(MCLR tied to Vdd): Fast Vdd Rise Time
Figure 12-4. Time-out Sequence on Power-up
(MCLR tied to Vdd): Slow Rise Time
Vdd
MCLR
POR
drt_time_out
RESET
Tdrt
Vdd
MCLR
POR
drt_time_out
RESET
Tdrt
V1
Figure 12-5. External Power-On Reset Circuit
(For Slow Vdd Power-up)
Vdd
R
C
MCLR
D
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com