Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SX28AC75-I/SS Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # SX28AC75-I/SS
Description  Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SX28AC75-I/SS Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button SX28AC75-I/SS Datasheet HTML 36Page - List of Unclassifed Manufacturers SX28AC75-I/SS Datasheet HTML 37Page - List of Unclassifed Manufacturers SX28AC75-I/SS Datasheet HTML 38Page - List of Unclassifed Manufacturers SX28AC75-I/SS Datasheet HTML 39Page - List of Unclassifed Manufacturers SX28AC75-I/SS Datasheet HTML 40Page - List of Unclassifed Manufacturers SX28AC75-I/SS Datasheet HTML 41Page - List of Unclassifed Manufacturers SX28AC75-I/SS Datasheet HTML 42Page - List of Unclassifed Manufacturers SX28AC75-I/SS Datasheet HTML 43Page - List of Unclassifed Manufacturers SX28AC75-I/SS Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
© 2000 Scenix Semiconductor, Inc. All rights reserved.
- 40 -
www.scenix.com
SX18AC/SX20AC/SX28AC/SX18AC75/SX20AC75/SX28AC75
17.2
DC Characteristics
SX18/20/28AC (Temp Range: 0
°C
<= Ta <= +70°C) and SX18/20/28AC-I (Temp Range: -40°C <= Ta <= +85°C)
Note 1: Vdd must start rising from Vss to ensure proper Power-On-Reset when relying on the internal Power-On-Reset
circuitry.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Vdd
Supply Voltage (Note 1)
Fosc= 32 MHz
Fosc= 50 MHz
2.7
3.0
-
-
5.5
5.5
V
V
SVdd
Vdd rise rate
0.05
-
-
V/ms
Idd
Supply Current, active
Vdd = 5.0V, Fosc = 50 MHz (Crystal)
Vdd = 5.0V, Fosc = 4 MHz (Crystal)
Vdd = 2.7V, Fosc = 20 MHz (Crystal)
-
77
7.5
17
82
8
18
mA
mA
mA
Ipd
Supply Current, power down
Vdd = 3.0V, WDT enabled
Vdd = 3.0V, WDT disabled
-
10
1.0
20
9.0
µA
µA
Vih, Vil
Input Levels
MCLR, OSC1, RTCC
Logic High
Logic Low
All Other Inputs
CMOS
Logic High
Logic Low
TTL
Logic High
Logic Low
0.8Vdd
Vss
0.7Vdd
Vss
2.0
Vss
Vdd
0.2Vdd
Vdd
0.3Vdd
Vdd
0.8
V
V
V
V
V
V
Iil
Input Leakage Current
Vin = Vdd or Vss
-1.0
+1.0
µA
Iip
Weak Pullup Current
Vdd = 5.5V, Vin = 0V
Vdd = 3.0V, Vin = 0V
100
25
190
50
µA
µA
Voh
Output High Voltage
OSC2, Ports B, C
Port A
Ioh = 20mA, Vdd = 4.5V
Ioh = 12mA, Vdd = 3.0V
Ioh = 30mA, Vdd = 4.5
Ioh = 20mA, Vdd = 3.0V
Vdd-0.7
Vdd-0.7
Vdd-0.7
Vdd-0.7
V
V
V
V
Vol
Output Low Voltage
All Ports, OSC2
Iol = 30mA, Vdd = 4.5V
Iol = 20mA, Vdd = 3.0V
0.6
0.6
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com