Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SX28AC75-I/SS Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # SX28AC75-I/SS
Description  Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SX28AC75-I/SS Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button SX28AC75-I/SS Datasheet HTML 25Page - List of Unclassifed Manufacturers SX28AC75-I/SS Datasheet HTML 26Page - List of Unclassifed Manufacturers SX28AC75-I/SS Datasheet HTML 27Page - List of Unclassifed Manufacturers SX28AC75-I/SS Datasheet HTML 28Page - List of Unclassifed Manufacturers SX28AC75-I/SS Datasheet HTML 29Page - List of Unclassifed Manufacturers SX28AC75-I/SS Datasheet HTML 30Page - List of Unclassifed Manufacturers SX28AC75-I/SS Datasheet HTML 31Page - List of Unclassifed Manufacturers SX28AC75-I/SS Datasheet HTML 32Page - List of Unclassifed Manufacturers SX28AC75-I/SS Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
© 2000 Scenix Semiconductor, Inc. All rights reserved.
- 29 -
www.scenix.com
SX18AC/SX20AC/SX28AC/SX18AC75/SX20AC75/SX28AC75
14.0
REGISTER STATES UPON
DIFFERENT RESET OPERATIONS
The effect of different reset operation on a register
depends on the register and the type of reset operation.
Some registers are initialized to specific values, some
are left unchanged, some are undefined, and some are
initialized to an unknown value.
A register that starts with an unknown value should be
initialized by the software to a known value; you cannot
simply test the initial state and rely on it starting in that
state consistently.
Table 14-1 lists the SX registers and shows the state of
each register upon different reset.
Table 14-1. Register States Upon Different Resets
Register
Power-On
Wakeup
Brown-out
Watchdog
Timeout
MCLR
W
Undefined
Unchanged
Undefined
Unchanged
Unchanged
OPTION
FFh
FFh
FFh
FFh
FFh
MODE
0Fh
0Fh
0Fh
0Fh
0Fh
RTCC (01h)
Undefined
Unchanged
Undefined
Unchanged
Unchanged
PC (02h)
FFh
FFh
FFh
FFh
FFh
STATUS (03h)
Bits 0-2: Unde-
fined
Bits 3-4: 11
Bits 5-7: 000
Bits 0-2: Un-
changed.
Bits 3-4: Unch.
Bits 5-7: 000
Bits 0-4: Unde-
fined
Bits 5-7: 000
Bits 0-2: Un-
changed
Bits 3-4: (Note 1)
Bits 5-7: 000
Bits 0-2: Un-
changed
Bits 3-4: (Note 2)
Bits 5-7: 000
FSR (04h)
Undefined
Bits 0-6: Un-
changed
Bit 7: 1
Bits 0-6: Unde-
fined
Bit 7: 1
Bits 0-6: Un-
changed
Bit 7: 1
Bits 0-6: Un-
changed
Bit 7: 1
RA/RB/RC
Direction
FFh
FFh
FFh
FFh
FFh
RA/RB/RC Data
Undefined
Unchanged
Undefined
Unchanged
Unchanged
Other File Registers -
SRAM
Undefined
Unchanged
Undefined
Unchanged
Unchanged
CMP_B
Bits 0, 6-7: 1
Bits 1-5: Unde-
fined
Bits 0, 6-7: 1
Bits 1-5: Unde-
fined
Bits 0, 6-7: 1
Bits 1-5: Unde-
fined
Bits 0, 6-7: 1
Bits 1-5: Unde-
fined
Bits 0, 6-7: 1
Bits 1-5: Unde-
fined
WKPND_B
Undefined
Unchanged
Undefined
Unchanged
Unchanged
WKED_B
FFh
FFh
FFh
FFh
FFh
WKEN_B
FFh
FFh
FFh
FFh
FFh
ST_B/ST_C
FFh
FFh
FFh
FFh
FFh
LVL_A/LVL_B/LVL_C
FFh
FFh
FFh
FFh
FFh
PLP_A/PLP_B/PLP_C
FFh
FFh
FFh
FFh
FFh
Watchdog Counter
Undefined
Unchanged
Undefined
Unchanged
Unchanged
NOTE:
1. Watchdog reset during power down mode: 00 (TO, PD)
Watchdog reset during Active mode: 01 (TO, PD)
NOTE:
2. External reset during power down mode: 10 (TO, PD)
External reset during Active mode: Unchanged (TO, PD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com