Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SX28AC75-I/SS Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # SX28AC75-I/SS
Description  Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SX28AC75-I/SS Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button SX28AC75-I/SS Datasheet HTML 28Page - List of Unclassifed Manufacturers SX28AC75-I/SS Datasheet HTML 29Page - List of Unclassifed Manufacturers SX28AC75-I/SS Datasheet HTML 30Page - List of Unclassifed Manufacturers SX28AC75-I/SS Datasheet HTML 31Page - List of Unclassifed Manufacturers SX28AC75-I/SS Datasheet HTML 32Page - List of Unclassifed Manufacturers SX28AC75-I/SS Datasheet HTML 33Page - List of Unclassifed Manufacturers SX28AC75-I/SS Datasheet HTML 34Page - List of Unclassifed Manufacturers SX28AC75-I/SS Datasheet HTML 35Page - List of Unclassifed Manufacturers SX28AC75-I/SS Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
© 2000 Scenix Semiconductor, Inc. All rights reserved.
- 32 -
www.scenix.com
SX18AC/SX20AC/SX28AC/SX18AC75/SX20AC75/SX28AC75
15.10.2 Page Jump Operation
When a JMP instruction is executed and the intended
destination is on a different page, the page select bits
must be initialized with appropriate values to point to the
desired page before the jump occurs. This can be done
easily with SETB and CLRB instructions or by writing a
value to the STATUS register. The device also has the
PAGE instruction, which automatically selects the page in
a single-cycle execution.
Note: “N” must be 0, 1, 2, or 3.
15.10.3 Call Operation
The following happens when a CALL instruction is exe-
cuted:
• The current value of the program counter is increment-
ed and pushed onto the top of the stack.
• The lower eight bits of the label address are copied into
the lower eight bits of the program counter.
• The ninth bit of the Program Counter is cleared to zero.
• The page select bits (in STATUS register) are copied
into the upper two bits of the Program Counter.
This means that the call destination must
start in the
lower half of any page. For example, 00h-0FFh, 200h-
2FFh, 400h-4FFh, etc.
15.10.4 Page Call Operation
When a subroutine that resides on a different page is
called, the page select bits must contain the proper val-
ues to point to the desired page before the call instruction
is executed. This can be done easily using SETB and
CLRB instructions or writing a value to the STATUS reg-
ister. The device also has the PAGE instruction, which
automatically selects the page in a single-cycle execu-
tion.
Note:“N” must be 0, 1, 2, or 3.
15.11
Return Instructions
The device has several instructions for returning from
subroutines and interrupt service routines. The return
from subroutine instructions are RET (return without
affecting W), RETP (same as RET but affects PA1:PA0),
RETI (return from interrupt), RETIW (return and add W to
RTCC), and RETW #literal (return and place literal in W).
The literal serves as an immediate data value from mem-
ory. This instruction can be used for table lookup opera-
tions. To do table lookup, the table must contain a string
of RETW #literal instructions. The first instruction just in
front of the table calculates the offset into the table. The
table can be used as a result of a CALL.
PAGE N
STATUS<6:5>
JMP LABEL
PC<10:9>
PC<8:0>
STATUS<6:5>
0
CALL LABEL
PC<10:9>
PC<8>
PC<7:0>
PAGE N
STATUS<6:5>
0
CALL LABEL
PC<10:9>
PC<8>
PC<7:0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com