Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SX20AC75-I/TQ Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # SX20AC75-I/TQ
Description  Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SX20AC75-I/TQ Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button SX20AC75-I/TQ Datasheet HTML 16Page - List of Unclassifed Manufacturers SX20AC75-I/TQ Datasheet HTML 17Page - List of Unclassifed Manufacturers SX20AC75-I/TQ Datasheet HTML 18Page - List of Unclassifed Manufacturers SX20AC75-I/TQ Datasheet HTML 19Page - List of Unclassifed Manufacturers SX20AC75-I/TQ Datasheet HTML 20Page - List of Unclassifed Manufacturers SX20AC75-I/TQ Datasheet HTML 21Page - List of Unclassifed Manufacturers SX20AC75-I/TQ Datasheet HTML 22Page - List of Unclassifed Manufacturers SX20AC75-I/TQ Datasheet HTML 23Page - List of Unclassifed Manufacturers SX20AC75-I/TQ Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
© 2000 Scenix Semiconductor, Inc. All rights reserved.
- 20 -
www.scenix.com
SX18AC/SX20AC/SX28AC/SX18AC75/SX20AC75/SX28AC75
All interrupts are global in nature; that is, no interrupt has
priority over another. Interrupts are handled sequentially.
Figure 8-2 shows the interrupt processing sequence.
Once an interrupt is acknowledged, all subsequent global
interrupts are disabled until return from servicing the cur-
rent interrupt. The PC is pushed onto the single level
interrupt stack, and the contents of the FSR, STATUS,
and W registers are saved in their corresponding shadow
registers. The status bits PA0, PA1, and PA2 bits are
cleared after the STATUS register has been saved in its
shadow register. The interrupt logic has its own single-
level stack and is not part of the CALL subroutine stack.
The vector for the interrupt service routine is address 0.
Once in the interrupt service routine, the user program
must check all external interrupt pending bits (contained
in the WKPND_B register) to determine the source of the
interrupt. The interrupt service routine should clear the
corresponding interrupt pending bit. If both internal and
external interrupts are enabled, the user program may
also need to read the contents of RTCC to determine any
recent RTCC rollover. This is needed since there is no
interrupt pending bit associated with the RTCC rollover.
Normally it is a requirement for the user program to pro-
cess every interrupt without missing any. To ensure this,
the longest path through the interrupt routine must take
less time than the shortest possible delay between inter-
rupts.
If an external interrupt occurs during the interrupt routine,
the pending register will be updated but the trigger will be
ignored unless interrupts are disabled at the beginning of
the interrupt routine and enabled again at the end. This
also requires that the new interrupt does not occur before
interrupts are disabled in the interrupt routine. If there is a
possibility of additional interrupts occurring before they
can be disabled, the device will miss those interrupt trig-
gers. In other words, using more than one interrupt, such
as multiple external interrupts or both RTCC and external
interrupts, can result in missed or, at best, jittery interrupt
handling should one occur during the processing of
another. When handling external interrupts, the interrupt
routine should clear at least one pending register bit. The
bit that is cleared should represent the interrupt being
handled in order for the next interrupt to trigger.
Upon return from the interrupt service routine, the con-
tents of PC, FSR, STATUS, and W registers are restored
from their corresponding shadow registers. The interrupt
service routine should end with instructions such as RETI
and RETIW. RETI pops the interrupt stack and the spe-
cial shadow registers used for storing W, STATUS, and
FSR (preserved during interrupt handling). RETIW
behaves like RETI but also adds W to RTCC. The inter-
rupt return instruction enables the global interrupts.
Figure 8-2. Interrupt Processing
Interrupt
PC
RETI
PC
PC
W
Register
000h
Address 000h
Program
Memory
Interrupt
Service
Routine
STATUS
Register
FSR
Register
W
Shadow Register
STATUS
Shadow Register
FSR
Shadow Register
W
Register
STATUS
Register
FSR
Register
W
Shadow Register
STATUS
Shadow Register
FSR
Shadow Register
Stack
Interrupt
Stack
Note: The interrupt logic has its own single-level
stack and is not part of the CALL subroutine stack.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com