Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SX20AC75-I/TQ Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # SX20AC75-I/TQ
Description  Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SX20AC75-I/TQ Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button SX20AC75-I/TQ Datasheet HTML 20Page - List of Unclassifed Manufacturers SX20AC75-I/TQ Datasheet HTML 21Page - List of Unclassifed Manufacturers SX20AC75-I/TQ Datasheet HTML 22Page - List of Unclassifed Manufacturers SX20AC75-I/TQ Datasheet HTML 23Page - List of Unclassifed Manufacturers SX20AC75-I/TQ Datasheet HTML 24Page - List of Unclassifed Manufacturers SX20AC75-I/TQ Datasheet HTML 25Page - List of Unclassifed Manufacturers SX20AC75-I/TQ Datasheet HTML 26Page - List of Unclassifed Manufacturers SX20AC75-I/TQ Datasheet HTML 27Page - List of Unclassifed Manufacturers SX20AC75-I/TQ Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
© 2000 Scenix Semiconductor, Inc. All rights reserved.
- 24 -
www.scenix.com
SX18AC/SX20AC/SX28AC/SX18AC75/SX20AC75/SX28AC75
10.2
Watchdog Timer
The watchdog logic consists of a Watchdog Timer which
shares the same 8-bit programmable prescaler with the
RTCC. The prescaler actually serves as a postscaler if
used in conjunction with the WDT, in contrast to its use as
a prescaler with the RTCC.
10.3
The Prescaler
The 8-bit prescaler may be assigned to either the RTCC
or the WDT through the PSA bit (bit 3 of the OPTION reg-
ister). Setting the PSA bit assigns the prescaler to the
WDT. If assigned to the WDT, the WDT clocks the pres-
caler and the prescaler divide rate is selected by the
PS0, PS1, and PS2 bits located in the OPTION register.
Clearing the PSA bit assigns the prescaler to the RTCC.
Once assigned to the RTCC, the prescaler clocks the
RTCC and the divide rate is selected by the PS0, PS1,
and PS2 bits in the OPTION register. The prescaler is not
mapped into the data memory, so run-time access is not
possible.
The prescaler cannot be assigned to both the RTCC and
WDT simultaneously.
Figure 10-1. RTCC and WDT Block Diagram
WDTE (from FUSE Word)
RTCC pin
MUX
8-Bit Prescaler
MUX (8 to 1)
8-Bits
WDT Time-out
Data Bus
WDT
MUX
M
RTCC
M
U
X
FOSC
RST
RTE_ES
PSA
PS2
PS1
PS0
OPTION
Register
RTCC Rollover
Interrupt
RTE_IE
RTW
RTCC
Interrupt
Enable
U
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com