Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SX20AC75-I/TQ Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # SX20AC75-I/TQ
Description  Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SX20AC75-I/TQ Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button SX20AC75-I/TQ Datasheet HTML 23Page - List of Unclassifed Manufacturers SX20AC75-I/TQ Datasheet HTML 24Page - List of Unclassifed Manufacturers SX20AC75-I/TQ Datasheet HTML 25Page - List of Unclassifed Manufacturers SX20AC75-I/TQ Datasheet HTML 26Page - List of Unclassifed Manufacturers SX20AC75-I/TQ Datasheet HTML 27Page - List of Unclassifed Manufacturers SX20AC75-I/TQ Datasheet HTML 28Page - List of Unclassifed Manufacturers SX20AC75-I/TQ Datasheet HTML 29Page - List of Unclassifed Manufacturers SX20AC75-I/TQ Datasheet HTML 30Page - List of Unclassifed Manufacturers SX20AC75-I/TQ Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
© 2000 Scenix Semiconductor, Inc. All rights reserved.
- 27 -
www.scenix.com
SX18AC/SX20AC/SX28AC/SX18AC75/SX20AC75/SX28AC75
12.0
RESET
Power-On-Reset, Brown-Out reset, watchdog reset, or
external reset initializes the device. Each one of these
reset conditions causes the program counter to branch to
the top of the program memory. For example, on the
device with 2048K words of program memory, the pro-
gram counter is initialized to 07FF.
The device incorporates an on-chip Power-On Reset
(POR) circuit that generates an internal reset as Vdd rises
during power-up. Figure 12-1 is a block diagram of the
circuit. The circuit contains an 10-bit Delay Reset Timer
(DRT) and a reset latch. The DRT controls the reset time-
out delay. The reset latch controls the internal reset sig-
nal. Upon power-up, the reset latch is set (device held in
reset), and the DRT starts counting once it detects a valid
logic high signal at the MCLR pin. Once DRT reaches the
end of the timeout period (typically 72 msec), the reset
latch is cleared, releasing the device from reset state.
Figure 12-2 shows a power-up sequence where MCLR is
not tied to the Vdd pin and Vdd signal is allowed to rise
and stabilize before MCLR pin is brought high. The
device will actually come out of reset Tdrt msec after
MCLR goes high.
The brown-out circuitry resets the chip when device
power (Vdd) dips below its minimum allowed value, but
not to zero, and then recovers to the normal value.
.
Note:Ripple counter is 10 bits for Power on Reset (POR)
only.
Figure 12-1. Block Diagram of On-Chip Reset Circuit
POR
BROWN-OUT
MIWU
MCLR/Vpp pin
wdt_time_out
10-Bit Asynch
Ripple
Counter
(DRT Start-Up
Timer)
Vdd
rc_clk
drt_time
_out
S
R
Q
QN
RESET
POR
enable
Figure 12-2. Time-Out Sequence on Power-Up
(MCLR not tied to Vdd)
Vdd
MCLR
POR
drt_time_out
RESET
Tdrt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com