Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2502X Datasheet(PDF) 30 Page - Microchip Technology

Part # MCP2502X
Description  CAN I/O EXPANDER FAMILY
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2502X Datasheet(HTML) 30 Page - Microchip Technology

Back Button MCP2502X Datasheet HTML 26Page - Microchip Technology MCP2502X Datasheet HTML 27Page - Microchip Technology MCP2502X Datasheet HTML 28Page - Microchip Technology MCP2502X Datasheet HTML 29Page - Microchip Technology MCP2502X Datasheet HTML 30Page - Microchip Technology MCP2502X Datasheet HTML 31Page - Microchip Technology MCP2502X Datasheet HTML 32Page - Microchip Technology MCP2502X Datasheet HTML 33Page - Microchip Technology MCP2502X Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
0&3;;
'6%SDJH 
3UHOLPLQDU\
  0L.UR.KLS 7H.KQRORJ\ ,Q.

3:0 02'8/(

'HV.ULSWLRQ
7KHUH DUH WZR 3XOVH :LGWK 0RGXODWLRQ 3:0 PRG
XOHV 3:0 DQG 3:0 WKDW JHQHUDWH XS WR D ELW
UHVROXWLRQ RXWSXW VLJQDO RQ *3 DQG *3 UHVSH.WLYHO\
(D.KRIWKHVH RXWSXWV .DQEH VHSDUDWHO\HQDEOHG DQG
HD.K KDV LWV RZQ DVVR.LDWHG WLPHU GXW\ .\.OH DQG
SHULRG UHJLVWHUV IRU .RQWUROOLQJ WKH 3:0 RXWSXW VKDSH
(D.K 3:0 PRGXOH .RQWDLQV D VHW RI PDVWHUVODYH 'XW\
&\.OH UHJLVWHUV SURYLGLQJ XS WR D ELW UHVROXWLRQ
3:0 RXWSXW )LJXUH  VKRZV D VLPSOLILHG EOR.N GLD
JUDP RI WKH 3:0 PRGXOH $ 3:0 RXWSXW KDV D WLPH
EDVH SHULRG DQG D WLPH WKDW WKH RXWSXW VWD\V KLJK
GXW\.\.OH DVVKRZQ LQ )LJXUH  7KHIUHTXHQ.\RI
WKH3:0LV WKH LQYHUVH RI WKH SHULRG SHULRG
$W SRZHU RQ WKH 3:0 RXWSXWV DUH QRW HQDEOHG XQWLO
DIWHU WKH VHOI .RQILJXUDWLRQ VHTXHQ.H KDV EHHQ .RP
SOHWHG LH DOO 65$0 UHJLVWHUVKDYH EHHQ ORDGHG ZLWK
WKHLU GHIDXOW YDOXHV WR SUHYHQW LQYDOLG VLJQDOV IURP
R..XUULQJRQ WKH 3:0 RXWSXWV
),*85(  6,03/,),(' %/2&. ',$*5$0
7KH 3:0 RXWSXWV .DQ EH IRU.HG WR WKHLU GHIDXOW 325
.RQGLWLRQV LI &$1 EXV .RPPXQL.DWLRQ LV ORVW DQG LV
HQDEOHG YLD 2375(*3'()(1 7KH V\VWHP GHVLJQHU
PXVW LPSOHPHQW D ³KDQG VKDNLQJ´ SURWR.RO VX.K WKDW
WKH 0&3; ZLOO UH.HLYH D YDOLG PHVVDJH LQWR RQH RI
WKH UH.HLYH EXIIHUV EHIRUH IRXU VX..HVVLYH V.KHGXOHG
WUDQVPLVVLRQV R..XU ,I D YDOLG PHVVDJH LV QRW UH.HLYHG
WKH 3:0 RXWSXWV *3 DQG *3 ZLOO DXWRPDWL.DOO\
UH.RQILJXUH WR WKHLU GHIDXOW .RQGLWLRQV 7KLV LQ.OXGHV WKH
3:0 PRGXOH LWVHOI EHLQJ GLVDEOHG DQG WKH *3,2 EHLQJ
IRU.HG ORZ KLJK RU WULVWDWH
),*85(  3:0 287387

3:0 7LPHU 0RGXOHV
7KHUH DUH WZR ELW WLPHUV VXSSRUWLQJ WKH WZR 3:0 RXW
SXWV %RWK WLPHUV KDYH D SUHV.DOHU RQO\ 7KH WLPHUV DUH
UHDGDEOH DQG ZULWDEOH DQG DUH .OHDUHG RQ DQ\ GHYL.H
UHVHW RU ZKHQWKH WLPHU LV WXUQHGRII
7KH LQSXW .OR.N ) $ KDV D SUHV.DOH RSWLRQ RI 
 RU  VHOH.WHG E\ .RQWURO ELWV 7Q&.36>@ LQ
UHJLVWHU 7Q&21! ZKHUH Q .RUUHVSRQGV WR WKH
DSSURSULDWH WLPHU 
(D.K WLPHU PRGXOH KDV DQ ELW SHULRG UHJLVWHU 35Q
7KH WLPHU PRGXOH LQ.UHPHQWV IURP K XQWLO LW PDW.KHV
35Q DQG WKHQ UHVHWV WR K RQ WKH QH[W LQ.UHPHQW
.\.OH 35Q LV D UHDGDEOH DQG ZULWDEOH UHJLVWHU 7KH 35Q
UHJLVWHU LV VHW ZKHQ WKH GHYL.H LV UHVHW
(D.K WLPHU .DQ EH VKXW RII E\ .OHDULQJ .RQWURO ELW
705Q21 7Q&21! 

7,0(5 02'8/(35(6&$/(5
7KH SUHV.DOHU .RXQWHUV DUH .OHDUHG ZKHQ D ZULWH WR WKH
7Q&21 RU 705Q UHJLVWHU RU DQ\ GHYL.H UHVHW 567
UHVHW RU 3RZHURQ UHVHW R..XUV

3:0 0RGXOHV
(D.K 3:0 PRGXOH .RQWDLQV D VHW RI PDVWHUVODYH 'XW\
&\.OH UHJLVWHUV SURYLGLQJ XS WR D ELW UHVROXWLRQ
3:0 RXWSXW )LJXUH  VKRZV D VLPSOLILHG EOR.N GLD
JUDP RI WKH 3:0 PRGXOH

3:0 3(5,2'
7KH 3:0 SHULRG LV VSH.LILHG E\ ZULWLQJ WR WKH 35Q UHJ
LVWHU 7KH 3:0SHULRG .DQEH .DO.XODWHG XVLQJWKH IRO
ORZLQJ IRUPXOD
:KHQ705QLVHTXDO WR35Q WKH IROORZLQJ WZRHYHQWV
R..XU RQ WKH QH[W .\.OH
‡ 705Q LV .OHDUHG
‡ 7KH 3:0GXW\ .\.OHLV ODW.KHG IURP 3:0Q'&+
LQWR 3:0Q'%+
3:0Q'&+
3:0Q'%+
705Q
3UQ
1RWH
&RPSDUDWRU
''5<!
*3<!
3:0Q
&RPSDUDWRU
7Q&21
 /6%
'XW\ .\.OH
5
6
4
1RWH  ELW WLPHULV .RQ.DWHQDWHG ZLWK ELWLQWHUQDO
4.OR.N RU  ELWV RI WKH SUHV.DOHU WR .UHDWH

UHJLVWHUV
ELWWLPHEDVH
705Q 35Q
3HULRG
'XW\&\.OH
705Q 35Q
705Q 'XW\ &\.OH
3:0 SHULRG
35Q
() 
[] 726& 705Q SUHV.DOH YDOXH
()

3:0 IUHTXHQ.\
 3:0 SHULRG
()
⁄




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com