Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2502X Datasheet(PDF) 47 Page - Microchip Technology

Part # MCP2502X
Description  CAN I/O EXPANDER FAMILY
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2502X Datasheet(HTML) 47 Page - Microchip Technology

Back Button MCP2502X Datasheet HTML 43Page - Microchip Technology MCP2502X Datasheet HTML 44Page - Microchip Technology MCP2502X Datasheet HTML 45Page - Microchip Technology MCP2502X Datasheet HTML 46Page - Microchip Technology MCP2502X Datasheet HTML 47Page - Microchip Technology MCP2502X Datasheet HTML 48Page - Microchip Technology MCP2502X Datasheet HTML 49Page - Microchip Technology MCP2502X Datasheet HTML 50Page - Microchip Technology MCP2502X Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 56 page
background image
  0L.UR.KLS 7H.KQRORJ\ ,Q.
3UHOLPLQDU\
'6%SDJH 
0&3;;
/HDG 3ODVWL. 'XDO ,QOLQH 3 ±  PLO 3',3
(
Q
'


H%
β
(
.
$
$
%
%
/
$
S
α
8QLWV
,1&+(6
0,//,0(7(56
'LPHQVLRQ /LPLWV
0,1
120
0$;
0,1
120
0$;
1XPEHU RI3LQV
Q


3LW.K
S


7RS WR 6HDWLQJ 3ODQH
$






0ROGHG 3D.NDJH 7KL.NQHVV
$






%DVH WR 6HDWLQJ 3ODQH
$


6KRXOGHU WR 6KRXOGHU :LGWK
(






0ROGHG 3D.NDJH :LGWK
(






2YHUDOO /HQJWK
'






7LS WR 6HDWLQJ 3ODQH
/






/HDG 7KL.NQHVV
.






8SSHU /HDG :LGWK
%






/RZHU /HDG :LGWK
%






2YHUDOO 5RZ 6SD.LQJ
†
H%






0ROG 'UDIW$QJOH 7RS
α






β






0ROG 'UDIW$QJOH %RWWRP
&RQWUROOLQJ 3DUDPHWHU
1RWHV
'LPHQVLRQV ' DQG ( GR QRW LQ.OXGH PROG IODVK RU SURWUXVLRQV 0ROG IODVK RU SURWUXVLRQV VKDOO QRW H[.HHG
´ PP SHU VLGH
-('(&(TXLYDOHQW06
'UDZLQJ 1R &
† 6LJQLIL.DQW &KDUD.WHULVWL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com