Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2502X Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP2502X
Description  CAN I/O EXPANDER FAMILY
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2502X Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP2502X Datasheet HTML 7Page - Microchip Technology MCP2502X Datasheet HTML 8Page - Microchip Technology MCP2502X Datasheet HTML 9Page - Microchip Technology MCP2502X Datasheet HTML 10Page - Microchip Technology MCP2502X Datasheet HTML 11Page - Microchip Technology MCP2502X Datasheet HTML 12Page - Microchip Technology MCP2502X Datasheet HTML 13Page - Microchip Technology MCP2502X Datasheet HTML 14Page - Microchip Technology MCP2502X Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
  0L.UR.KLS 7H.KQRORJ\ ,Q.
3UHOLPLQDU\
'6%SDJH 
0&3;;
VLJQLIL.DQW
ELWV
RI
WKH
H[WHQGHG
LGHQWLILHU
5;0(,'(,'(,' DUH DOZD\V µGRQ¶W .DUH¶ DQG
HIIH.WLYHO\ EH.RPH =(52

$..HSWDQ.H )LOWHUV
7KHUH DUH WZR VHSDUDWH D..HSWDQ.H ILOWHUV GHILQHG IRU
WKH 0&3;; 5;) DQG 5;) 5;) LV XVHG IRU
³,QIRUPDWLRQ 5HTXHVW´ PHVVDJHV DQG 5;) LV XVHG IRU
³,QSXW´ PHVVDJHV VHH7DEOH  DQG 7DEOH   (D.K
ELW LQ WKH ILOWHUV .RUUHVSRQGV WR D ELW LQ WKH &$1 ,'
(YHU\ ELW LQ WKH &$1 ,' IRU ZKL.K WKH .RUUHVSRQGLQJ
0DVN ELW LV VHW PXVW PDW.K WKH DVVR.LDWHG ILOWHU ELW LQ
RUGHU IRU WKH PHVVDJH WR EH D..HSWHG 0HVVDJHV WKDW
IDLO WR PHHW WKH 0DVN),OWHU .ULWHULD DUH LJQRUHG
5(*,67(5 
7;,'16,'+  75$160,7 ,'(17,),(5 1 67$1'$5' ,'(17,),(5 +,*+
5(*,67(5 
7;,'16,'/  75$160,7 ,'(17,),(5 1 67$1'$5' ,'(17,),(5 /2:
5(*,67(5 
7;,'1(,'  75$160,7 ,'(17,),(5 1 (;7(1'(' ,'(17,),(5 +,*+
5(*,67(5 
7;,'1(,'  75$160,7 ,'(17,),(5 1 (;7(1'(' ,'(17,),(5 /2:
1RWH
7KH (;,'( ELW LQWKH0DVNUHJLVWHU 5;0
6,'/ .DQ EH XVHG WR PDVN WKH ,'( ELW LQ
WKH .RUUHVSRQGLQJ 5H.HLYH EXIIHU UHJLVWHU
5;%Q6,'/
5:[
5:[
5:[
5:[
5:[
5:[
5:[
5:[
6,'
6,'
6,'
6,'
6,'
6,'6,'
6,'
5 5HDGDEOH ELW
ELW
ELW
: :ULWDEOH ELW
8 8QLPSOHPHQWHG
UHDG DV µ¶
ELW 
6,'6,'6WDQGDUG ,GHQWLILHU
5:[
5:[
5:[
8
5:[
8
5:[
5:[
6,'
6,'
6,'
²(;,'(
²
(,'
(,'
5 5HDGDEOH ELW
ELW
ELW
: :ULWDEOH ELW
8 8QLPSOHPHQWHG
UHDG DV µ¶
ELW 
6,'6,' 6WDQGDUG ,GHQWLILHU
ELW 
8QLPSOHPHQWHG 5HDG DV ¶
ELW 
(;,'( ([WHQGHG ,GHQWLILHU (QDEOH
1
0HVVDJH ZLOO WUDQVPLW H[WHQGHG LGHQWLILHU
0
0HVVDJH ZLOO WUDQVPLW VWDQGDUG LGHQWLILHU
ELW 
8QLPSOHPHQWHG 5HDG DV ¶
ELW  (,'(,' ([WHQGHG ,GHQWLILHU
5:[
5:[
5:[
5:[
5:[
5:[
5:[
5:[
(,'(,'
(,'
(,'
(,'
(,'
(,'
(,'
5 5HDGDEOH ELW
ELW
ELW
: :ULWDEOH ELW
8 8QLPSOHPHQWHG
UHDG DV µ¶
ELW 
(,'(,' ([WHQGHG ,GHQWLILHU
5:[
5:[
5:[
5:[
5:[
5:[
5:[
5:[
(,'
(,'
(,'(,'
(,'
(,'
(,'
(,'
5 5HDGDEOH ELW
ELW
ELW
: :ULWDEOH ELW
8 8QLPSOHPHQWHG
UHDG DV µ¶
ELW 
(,'(,' ([WHQGHG ,GHQWLILHU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com