Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2502X Datasheet(PDF) 18 Page - Microchip Technology

Part # MCP2502X
Description  CAN I/O EXPANDER FAMILY
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2502X Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP2502X Datasheet HTML 14Page - Microchip Technology MCP2502X Datasheet HTML 15Page - Microchip Technology MCP2502X Datasheet HTML 16Page - Microchip Technology MCP2502X Datasheet HTML 17Page - Microchip Technology MCP2502X Datasheet HTML 18Page - Microchip Technology MCP2502X Datasheet HTML 19Page - Microchip Technology MCP2502X Datasheet HTML 20Page - Microchip Technology MCP2502X Datasheet HTML 21Page - Microchip Technology MCP2502X Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
0&3;;
'6%SDJH 
3UHOLPLQDU\
  0L.UR.KLS 7H.KQRORJ\ ,Q.
7$%/(  0(66$*( )81&7,21

575 0HVVDJH 7\SH
:KHQ
575
PHVVDJH
W\SHV
DUH
VHOH.WHG
2375(*07<3( DQG D QRGH LQ WKH V\VWHP ZDQWV
LQIRUPDWLRQ IURP WKH 0&3;; LW KDV WR VHQG D
5HPRWH )UDPH RQ WKH EXV 7KH ,GHQWLILHU IRU WKH UHPRWH
IUDPH PXVW EH VX.K WKDW LW ZLOO EH D..HSWHG WKURXJK WKH
0&3;;¶V PDVNILOWHU SUR.HVV XVLQJ 5;) 7KH
575 PHVVDJH W\SH UHPRWH IUDPHV LV WKH GHIDXOW .RQ
ILJXUDWLRQ 07<3(ELW  
,QIRUPDWLRQ 5HTXHVW ³575´ PHVVDJHV PXVW QRW RQO\
PHHW WKH 5;0$6.5;) .ULWHULD EXW PXVW DOVR KDYH
WKH575ELW RI WKH &$1,' VHW VLQ.HWKH ILOWHU UHJLVWHUV
GR QRW .RQWDLQ DQ H[SOL.LW 575 ELW  ,I D PHVVDJH SDVVHV
WKH PDVNILOWHU SUR.HVV DQG WKH 575 ELW LV D µ¶ WKDW
PHVVDJH ZLOO EH LJQRUHG
2Q.HWKH0&3;;KDV UH.HLYHGD UHPRWH IUDPH
LW ZLOO GHWHUPLQH WKH IXQ.WLRQ WR EH SHUIRUPHG EDVHG
XSRQ WKH WKUHH /6E¶V 5;%6,'/6,'6,' IRU VWDQ
GDUG PHVVDJHV DQG 5;%(,'(,'(,' IRU
H[WHQGHG PHVVDJHV RI WKH UH.HLYHG 5HPRWH )UDPH
,Q DGGLWLRQ D SUHGHILQHG 'DWD /HQJWK &RGH '/& PXVW
EH VHQW WR VLJQLI\ WKH QXPEHU RI GDWD E\WHV WKDW WKH
0&3;; PXVW UHWXUQ LQ LW¶V RXWSXW PHVVDJH VHH
7DEOH  DQG 7DEOH  

'DWD )UDPH 0HVVDJH 7\SH
:KHQ D QRQ575 RU 'DWD )UDPH PHVVDJH W\SH LV
VHOH.WHG DQG D QRGH LQ WKH V\VWHP ZDQWV LQIRUPDWLRQ
IURP WKH 0&3;; LW VHQGV DQ ,QIRUPDWLRQ
5HTXHVW LQ WKH IRUP RI D 'DWD )UDPH 7KH ,GHQWLILHU IRU
WKLV UHTXHVW PXVW EH VX.K WKDW LW ZLOO EH D..HSWHG
WKURXJK WKH 0&3;;¶V PDVNILOWHU SUR.HVV XVLQJ
5;) 
,QIRUPDWLRQ 5HTXHVW PHVVDJHV LQ WKH GDWD IUDPH IRU
PDW PXVW QRW RQO\ PHHW WKH 5;0$6.5;) .ULWHULD EXW
PXVW DOVR KDYH WKH 575 ELW RI WKH &$1 ,' .OHDUHG
VLQ.H WKH ILOWHU UHJLVWHUV GR QRW .RQWDLQ DQ H[SOL.LW 575
ELW  ,I D PHVVDJH SDVVHV WKH PDVNILOWHU SUR.HVV DQG
WKH 575 ELW LV D µ¶ WKDW PHVVDJH ZLOO EH LJQRUHG
2Q.H WKH 0&3;; KDV UH.HLYHG D GDWD IUDPH
,QIRUPDWLRQ 5HTXHVW LW ZLOO GHWHUPLQH WKH IXQ.WLRQ WR EH
SHUIRUPHG
EDVHG
XSRQ
WKH
WKUHH
/6E¶V
5;%6,'/6,'6,' IRU VWDQGDUG PHVVDJHV DQG
5;%(,'(,'(,' IRU H[WHQGHG PHVVDJHV RI WKH
UH.HLYHG'DWD)UDPH $OVR %LW  RIWKH UH.HLYHG PHV
VDJH ,' PXVWEH VHW WR D µ¶
,Q DGGLWLRQ WKH 'DWD /HQJWK &RGH '/& PXVW EH VHW WR
D ]HUR 5HIHU WR 7DEOH  DQG 7DEOH  IRU PRUH LQIRU
PDWLRQ
5HJDUGOHVV RI WKH PHVVDJH IRUPDW DOO PHVVDJHV
H[.HSW WKH µ5HDG 5HJLVWHU¶ PHVVDJH .DQ XVH HLWKHU
VWDQGDUG RU H[WHQGHG LGHQWLILHUV 7KH µ5HDG 5HJLVWHU¶
PHVVDJH KDV RQH DGGLWLRQDO UHTXLUHPHQW WKDW LW PXVW
EH DQ H[WHQGHG LGHQWLILHU 7KLV LV GLV.XVVHG LQ PRUH
GHWDLO LQ D ODWHU VH.WLRQ

287387 0(66$*(6
7KH 'DWD )UDPH WKDW LV VHQW LQ UHVSRQVH WR WKH ,QIRUPD
WLRQ 5HTXHVW PHVVDJH LV GHILQHG DV DQ µ2XWSXW¶ PHV
VDJH
,I WKH GDWD IDPH LV LQ UHVSRQVH WR D UHPRWH IUDPH LW ZLOO
KDYH WKH VDPH LGHQWLILHU VWDQGDUG RU H[WHQGHG DQG
.RQWDLQ WKH VDPH QXPEHU RI GDWD E\WHV VSH.LILHG E\ WKH
'/&RI WKHUHPRWH IUDPH SHU WKH&$1 % VSH.LIL.D
WLRQ 
1DPH
'HV.ULSWLRQ
5HDG $'
5HJLVWHUV
7UDQVPLWV D VLQJOH PHVVDJH .RQWDLQLQJ
WKH .XUUHQWVWDWH RI WKH DQDORJ DQG ,2
UHJLVWHUV LQ.OXGLQJ WKH .RQILJXUDWLRQ
5HDG &RQWURO
5HJLVWHUV
7UDQVPLWV VHYHUDO .RQWURO UHJLVWHUV QRW
LQ.OXGHG LQ RWKHU PHVVDJHV
5HDG&RQILJXUDWLRQ
5HJLVWHUV
7UDQVPLWV WKH .RQWHQWV RI PDQ\ RI WKH
.RQILJXUDWLRQ UHJLVWHUV
5HDG &$1
HUURUVWDWHV
7UDQVPLWV WKH HUURU IODJ UHJLVWHU DQG WKH
HUURU.RXQWV
5HDG 3:0
&RQILJXUDWLRQ
7UDQVPLWV WKH UHJLVWHUV DVVR.LDWHG ZLWK
WKH 3:0PRGXOHV
5HDG 8VHU
5HJLVWHUV 
7UDQVPLWV D WKH YDOXHV LQ E\WHV    RI
WKH XVHU PHPRU\
5HDG 8VHU
5HJLVWHUV 
7UDQVPLWV D WKH YDOXHV LQ E\WHV   RI
WKH XVHU PHPRU\
5HDG 5HJLVWHU
7UDQVPLWV D VLQJOH E\WH .RQWDLQLQJ WKH
YDOXH LQ DQ DGGUHVVHG XVHU PHPRU\
UHJLVWHU
:ULWH 5HJLVWHU
8VHV D PDVN WR ZULWH D YDOXH WR DQ
DGGUHVVHG UHJLVWHU
:ULWH 7; 0HVVDJH
,' 7;,'
:ULWHV WKH LGHQWLILHUV WR D VSH.LILHG
YDOXH
:ULWH 7; 0HVVDJH
,' 7;,'
:ULWHV WKH LGHQWLILHUV WR D VSH.LILHG
YDOXH
:ULWH 7; 0HVVDJH
,' 7;,'
:ULWHV WKH LGHQWLILHUV WR D VSH.LILHG
YDOXH
:ULWH ,2 &RQILJX
UDWLRQ 5HJLVWHUV
:ULWHV VSH.LILHG YDOXHV WR WKH WKUHH
,2&21UHJLVWHUV
:ULWH 5; 0DVN
&KDQJHV WKH UH.HLYH PDVN WR WKH VSH.L
ILHG YDOXH
:ULWH 5; )LOWHU
&KDQJHV WKH VSH.LILHG ILOWHU WR WKH VSH.
LILHG YDOXH
:ULWH 5; )LOWHU
&KDQJHV WKH VSH.LILHG ILOWHU WR WKH VSH.
LILHG YDOXH
7KH 5HDG 5HJLVWHU .RPPDQG LV DYDLODEOH ZKHQ XVLQJ
H[WHQGHG PHVVDJH IRUPDW RQO\ 1RW DYDLODEOH ZLWK VWDQGDUG
PHVVDJH IRUPDW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com