Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SX8674ICSTRT Datasheet(PDF) 37 Page - Semtech Corporation

Part # SX8674ICSTRT
Description  Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8674ICSTRT Datasheet(HTML) 37 Page - Semtech Corporation

Back Button SX8674ICSTRT Datasheet HTML 33Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 34Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 35Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 36Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 37Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 38Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 39Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 40Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 41Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 64 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev 1 – 25
th July 2011
37
www.semtech.com
SX8674/SX8675/SX8676
Haptics Enabled Multitouch 4/5-Wire
Resistive Touchscreen Controller with Proximity Sensing
6
HAPTICS INTERFACE (SX8674/75)
6.1
Introduction
Haptics technology is commonly used in systems which include a touchscreen interface. Its purpose is to provide
tactile feedback to the user to acknowledge a touch event hence improving greatly the robustness of the system
and user comfort and perception.
The on-chip haptics interface is designed to drive two common actuator types: Eccentric Rotating Mass (ERM)
and Linear Resonant Actuator (LRA). This is performed without any external component due to fully embedded
analog processing and with very limited host interaction due to the embedded digital processing block.
Figure 48 – Haptics Interface Overview
The host configures drive parameters from the I2C port according to the particular haptics load to be used. The
haptics drive level is then controlled in real time by either of two methods: by a dedicated digital pin, MIN, which
accepts a pulse-width-modulated (PWM) digital signal; or by writing the desired output level directly to a register
via the I2C interface.
This digital information is filtered to prevent fast transitions and hence high current spikes (HAPTBW), converted
into the analog domain by an 8-bit DAC, and finally amplified (HAPTGAIN) to provide a differential signal
between MOUTP and MOUTN pins which can be directly connected to the motor thanks to their high drive
current capability.
For better isolation from the rest of the chip, the haptics interface analog block has its own power supply pins
MVDD and MGND.
The haptics interface is enabled when HAPTTYPEEN != 0.
6.2
ERM Load
6.2.1
Introduction
An ERM is a DC motor with an off-balance load to create a vibration. Speed and direction are controlled by the
applied voltage. The ERM load is selected when HAPTTYPEEN = 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com