Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SX8674ICSTRT Datasheet(PDF) 10 Page - Semtech Corporation

Part # SX8674ICSTRT
Description  Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8674ICSTRT Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SX8674ICSTRT Datasheet HTML 6Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 7Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 8Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 9Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 10Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 11Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 12Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 13Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 64 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev 1 – 25
th July 2011
10
www.semtech.com
SX8674/SX8675/SX8676
Haptics Enabled Multitouch 4/5-Wire
Resistive Touchscreen Controller with Proximity Sensing
Symbol
Description
Conditions
Min
Typ.
Max
Unit
PROX
(PENDET/TRG mode, pen up,
TOUCHRATE=80cps, PROX ON,
SCANPERIOD=200ms,
HIGHIM=ON,
SENSITIVITY=Max,
FREQ=150kHz, BOOST=OFF,
HAPT OFF)
-
8
20
HAPT
(MAN mode, no command,
LRA-PWM mode,
MIN= 44.8kHz/50%, GAIN = Max,
BW = 100, MOUTP/N floating,
Squelch=011)
-
115
145
MVDD
Haptics supply voltage
-
VDD
-
3.6
V
OFF
-
0.01
1
µA
MIDD
Haptics supply current
SQUELCH
(LRA-PWM mode,
MIN= 44.8kHz/50%, GAIN = Max,
BW = 100, MOUTP/N floating,
Squelch=011)
-
6
10
µA
Digital I/Os (ADDR, SCL, SDA, NRST, NIRQ, AUX1, AUX2, AUX3, MIN)
SCL, SDA, NRST
0.8*VDD
-
3.6
VIH
High level input voltage
Other pins
0.8*VDD
-
VDD+0.2
V
VIL
Low level input voltage
-
-0.3
-
0.8
V
ILEAK
Input leakage current
-
-1
-
1
µA
CI
Input capacitance
-
-
5
-
pF
VOH
High level output voltage
IOH = 4mA
0.8*VDD
-
-
V
VOL
Low level output voltage
IOL = 4mA
-
-
0.4
V
VPULL
External pull-up voltage
SCL, SDA, NRST, NIRQ
-
-
3.6
V
Haptics Interface
IDRV
Maximum drive current
(MOUTP/MOUTN)
MVDD = 3.6V
-
250
-
mA
VOFF
Output squelch differential error
(from 0V ideal)
LRA or ERM, PWM or I2C,
AmplitudeCode within squelch
range, GAIN = Max, BW = 100,
MOUTP/N floating, Squelch=011
0
(1)
0
0
(1)
mV
VERR
Output differential error
(from 1.135V ideal)
LRA or ERM, I2C,
AmplitudeCode = +127 (Max)
GAIN = Min, BW = 100,
MOUTP/N floating
125
(2)
0
125
(2)
mV
VDRV
Drive voltage (MOUTP/MOUTN)
-
-
-
VDDM
V
VDROP
Drop voltage (MOUTP/MOUTN)
From MVDD/MGND,
@250mA
-
-
150
mV
ISHORT
Short-circuit detection current
Measured @MIDD
-
300
-
mA
FMINC
Motor input (MIN) frequency in
I2C mode
40-60% duty cycle
-
-
50
MHz
HAPTRANGE = 0
12.8
-
25.6
kHz
FMINP
Motor input (MIN) frequency in
PWM mode
HAPTRANGE = 1
25.6
-
51.2
kHz
DCMIN
Motor input (MIN) duty cycle in
PWM mode
2
-
98
%
TWRNG
Warning temperature
-
120
-
TALRM
Alarm temperature
Junction temperature
-
155
-
°C
Touchscreen Interface
ARES
ADC resolution
12
-
-
bits
AOFF
ADC offset
-
± 1
-
AGE
ADC gain error
At full scale
-
0.5
-
ADNL
ADC differential non-linearity
-
± 1
-
AINL
ADC integral non-linearity
-
± 1.5
-
LSB
RBIAS
Biasing resistance
-
5
-
Proximity Sensing Interface
CDC
External capacitance to be
compensated
-
-
-
300
pF
tPROX
Scan period (reaction time)
Programmable
-
200
-
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com