Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SX8674ICSTRT Datasheet(PDF) 16 Page - Semtech Corporation

Part # SX8674ICSTRT
Description  Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8674ICSTRT Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SX8674ICSTRT Datasheet HTML 12Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 13Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 14Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 15Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 16Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 17Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 18Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 19Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 20Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 64 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev 1 – 25
th July 2011
16
www.semtech.com
SX8674/SX8675/SX8676
Haptics Enabled Multitouch 4/5-Wire
Resistive Touchscreen Controller with Proximity Sensing
Rxtot
R1
R2
+
=
Rytot
R3
R4
+
=
R4
Rytot
Ypos
4095
-------------
⋅
=
z2
Re-arranging z1 and z2 gives:
RT
R4
z2
z1
------
1
–
⋅
=
This finally results in:
RT
Rytot
Ypos
4095
-------------
z2
z1
------
1
–
⋅
⋅
=
The touch resistance calculation above hence requires three channel measurements (Ypos, z2 and z1) and one
specification data (Rytot).
An alternative calculation method is using Xpos, Ypos, one z channel and both Rxtot and Rytot as shown in the
next calculations.
R1 is inversely proportional to the X coordinate:
R1
Rxtot
1
Xpos
4095
-------------
–
⋅
=
Substituting R1 and R4 into z1 and rearranging terms gives:
RT
Rytot Y
⋅ pos
4095
---------------------------------
4095
z1
------------
1
–
Rxtot
1
Xpos
4095
-------------
–
⋅
–
⋅
=
Please note that the chip only outputs z1, z2, etc. The calculation of RT itself with the formulas above must be
performed by the host.
4.3.1
Bias Time (POWDLY)
In order to perform correct measurements, some time must be given for the touch screen to reach a proper Vref
bias level before the conversion is actually performed. It is a function of the PCB trace resistance connecting the
chip to the touchscreen and also the capacitance of the touchscreen. If tau is this RC time constant, then
POWDLY duration must be programmed to 10 tau to reach 12 bits accuracy.
Adding a capacitor from the touch screen electrodes to ground may also be used to minimize external noise (if
the touchscreen is used as the proximity sensor, make sure you do not exceed the maximum capacitive load for
required for proper proximity sensing operation). The low-pass filter created with the capacitor may increase
settling time requirement. Therefore, POWDLY can be used to stretch the acquisition period and delay
conversion appropriately.
POWDLY can be estimated by the following formula:
PowD ly
10
Rtouch
Ctouch
×
×
=
4.4
Pen Detection
The pen detection circuitry is used both to detect a user action and generate an interrupt or start an acquisition in
PENDET and PENTRG mode respectively. Doing pen detection prior to conversion avoids feeding the host with
dummy data and saves power. Pen detection is also used to disable and resume proximity sensing. For more
details on pen detection usage please refer to §4.7.
A 4-wire touchscreen will be powered between X+ and Y- through a resistor RPNDT so no current will flow as
long as no pressure is applied to the surface (see figure below). When a touch occurs, a current path is created
bringing X+ to the level defined by the resistive divider determined by RPNDT and the sum of R1, RT and R4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com