Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SX8674ICSTRT Datasheet(PDF) 14 Page - Semtech Corporation

Part # SX8674ICSTRT
Description  Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8674ICSTRT Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SX8674ICSTRT Datasheet HTML 10Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 11Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 12Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 13Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 14Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 15Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 16Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 17Page - Semtech Corporation SX8674ICSTRT Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 64 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev 1 – 25
th July 2011
14
www.semtech.com
SX8674/SX8675/SX8676
Haptics Enabled Multitouch 4/5-Wire
Resistive Touchscreen Controller with Proximity Sensing
Higher reliability and better endurance are the advantages of 5-wire touchscreens but they do not allow pressure
measurement
Figure 11 – 5-wire Touchscreen
4.2
Coordinates Measurement
4.2.1
4-wire Touchscreen
The electrode plates are internally connected through terminals X+, X- and Y+, Y- to an analog to digital
converter (ADC) and a reference voltage (Vref). The resistance between the terminals X+ and X- is defined by
Rxtot. Rxtot will be split in 2 resistors, R1 and R2, in case the screen is touched. Similarly, the resistance
between the terminals Y+ and Y- is represented by R3 and R4. The connection between the top and bottom
sheet is represented by the touch resistance (RT).
In order to measure the Y coordinate, the top resistive sheet (Y) is biased with a voltage source (Vref). Resistors
R3 and R4 determine a voltage divider proportional to the Y position of the contact point. Since the converter has
a high input impedance, no current flows through R1 (and RT) so that the voltage X+ at the converter input is
given by the voltage divider created by R3 and R4.
The X coordinate is measured in a similar fashion with the bottom resistive sheet (X) biased to create a voltage
divider by R1 and R2, while the voltage on the top sheet is measured through R3.
The resistance RT is the resistance obtained when a pressure is applied on the screen. RT is created by the
contact area of the X and Y resistive sheet and varies with the applied pressure.
Figure 12 – 4-wire Touchscreen Coordinates Measurement
The X and Y positions output by the ADC correspond to the formulas below:
Xpos
4095
R2
R 1
R2
+
---------------------
⋅
=
Y pos
4095
R4
R 3
R4
+
---------------------
⋅
=
4095 corresponds to the max output value of the ADC (12 bits => 2
12 – 1).
For example, a touch in the center of the screen will output (Xpos, Ypos) = ~(2048, 2048)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com