Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY37032P44-125JC Datasheet(PDF) 41 Page - Cypress Semiconductor

Part # CY37032P44-125JC
Description  5V, 3.3V, ISR??High-Performance CPLDs
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY37032P44-125JC Datasheet(HTML) 41 Page - Cypress Semiconductor

Back Button CY37032P44-125JC Datasheet HTML 37Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 38Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 39Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 40Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 41Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 42Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 43Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 44Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 45Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 63 page
background image
Ultra37000 CPLD Family
Document #: 38-03007 Rev. *B
Page 41 of 63
Pin Configurations[20] (continued)
352-Lead BGA (BG352)
Top View
123456789
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
A
GND GND I/O19 I/O15 I/O13 I/O34 I/O31 I/O28 I/O25 I/O10 I/O7
I/O4
I/O1 I/O263 I/O260 I/O257 I/O254 I/O239 I/O237 I/O232 I/O229 I/O250 I/O248 I/O244 GND GND
B
GND
NC
I/O18 I/O17 I/O14 I/O35 I/O32 I/O29 I/O26 I/O11
I/O8
I/O5
I/O2
VCC I/O261 I/O258 I/O255 I/O252 I/O234 I/O231 I/O228 I/O249 I/O246 I/O245 I/O240 GND
C
I/O23 I/O38 I/O37 I/O16 I/O12 I/O33 I/O30 I/O27 I/O24
I/O9
I/O6
I/O3
I/O0 I/O262 I/O259 I/O256 I/O253 I/O238 I/O235 I/O233 I/O230 I/O251 I/O247 I/O225 I/O224 I/O227
D
I/O39 I/O40 I/O36
NC
NC
I/O21 I/O20 VCCO VCCO
NC
GND GND VCCO VCCO GND GND
NC
VCCO VCCO I/O236 I/O243 NC
NC
I/O226 I/O222 I/O223
E
I/O42 TCK I/O41
NC
NC
TDI
I/O221 I/O220
F
I/O45 I/O44 I/O43 I/O22
I/O242 I/O219 I/O218 I/O217
G
I/O48 I/O47 I/O46 I/O63
I/O241 I/O216 I/O215 I/O214
H
I/O49 I/O50 I/O51 VCCO
VCCO I/O211 I/O212 I/O213
J
I/O52 I/O53 I/O54 VCCO
VCCO I/O208 I/O209 I/O210
K
I/O55 I/O56 I/O57
NC
NC
I/O205 I/O206 I/O207
L
I0
I/O59 I/O58 GND
GND GND GND GND GND GND
GND I/O204
I4
I/O197
M
I/O61 I/O60
I1
GND
GND GND GND GND GND GND
GND
I3
I/O203 I/O202
N
I/O64 VCC I/O62 VCCO
GND GND GND GND GND GND
VCCO I/O201 I/O200 I/O199
P
I/O65 I/O66 I/O67 VCCO
GND GND GND GND GND GND
VCCO I/O196 VCC I/O198
R
I/O68 I/O69 I/O70 GND
GND GND GND GND GND GND
GND I/O193 I/O194 I/O195
T
I/O71 I/O84 I/O85 GND
GND GND GND GND GND GND
GND I/O178 I/O179 I/O192
U
I/O88 I/O87 I/O86
NC
NC
I/O177 I/O176 I/O175
V
I/O91 I/O90 I/O89 VCCO
VCCO I/O174 I/O173 I/O172
W
I/O94 I/O93 I/O92 VCCO
VCCO I/O171 I/O170 I/O169
Y
I/O95 I/O72 I/O73 I/O110
I/O153 I/O190 I/O191 I/O168
AA
I/O74 I/O75 I/O76 I/O111
I/O152 I/O187 I/O188 I/O189
AB
I/O77 I/O78 I/O79
N/C
NC
I/O184 I/O185 I/O186
AC
I/O81 I/O80 I/O108 N/C
NC
I/O112 I/O113 VCCO VCCO
NC
GND GND VCCO VCCO GND GND
NC
VCCO VCCO I/O150 I/O151 NC
NC
I/O155 I/O183 I/O182
AD I/O109 I/O82 I/O83 I/O117 I/O97 I/O100 I/O102 I/O105 I/O120 I/O123 I/O126 I/O129
I2
I/O133 I/O136 I/O139 I/O142 I/O157 I/O159 I/O161 I/O163 I/O166 I/O146 I/O180 I/O181 I/O154
AE
GND
NC
I/O115 I/O116 I/O119 I/O98 I/O101 I/O103 I/O106 I/O121 I/O124 I/O127 VCC I/O130 I/O134 I/O137 I/O140 I/O143 I/O160 I/O162 I/O165 I/O144 I/O147 I/O148 NC
GND
AF
GND GND I/O114 I/O118 I/O96 I/O99 TMS I/O104 I/O107 I/O122 I/O125 I/O128 I/O131 I/O132 I/O135 I/O138 I/O141 I/O156 I/O158 TDO I/O164 I/O167 I/O145 I/O149 GND GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com