Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY37032P44-125JC Datasheet(PDF) 20 Page - Cypress Semiconductor

Part # CY37032P44-125JC
Description  5V, 3.3V, ISR??High-Performance CPLDs
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY37032P44-125JC Datasheet(HTML) 20 Page - Cypress Semiconductor

Back Button CY37032P44-125JC Datasheet HTML 16Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 17Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 18Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 19Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 20Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 21Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 22Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 23Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 24Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 63 page
background image
Ultra37000 CPLD Family
Document #: 38-03007 Rev. *B
Page 20 of 63
Operating Frequency Parameters
fMAX1
200
167
154
143
125[16]
100
83
66
MHz
fMAX2
200
200
200
167
154
153[17]
125[18]
100
MHz
fMAX3
125
125
105
91
83
80[17]
62.5
50
MHz
fMAX4
167
167
154
125
118
100
83
66
MHz
Reset/Preset Parameters
tRW
8
88
8
10
12
15
20
ns
tRR
[13]
10
10
10
10
12
14
17
22
ns
tRO
[13, 14, 15]
12
13
13
14
15
18
21
26
ns
tPW
8
88
8
10
12
15
20
ns
tPR
[13]
10
10
10
10
12
14
17
22
ns
tPO
[13, 14, 15]
12
13
13
14
15
18
21
26
ns
User Option Parameters
tLP
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
ns
tSLEW
33
3
3
3
3
3
3
ns
t3.3IO
[19]
0.3
0.3
0.3
0.3
0.3
0.3
0.3
0.3
ns
JTAG Timing Parameters
tS JTAG
0
00
0
00
0
0
ns
tH JTAG
20
20
20
20
20
20
20
20
ns
tCO JTAG
20
20
20
20
20
20
20
20
ns
fJTAG
20
20
20
20
20
20
20
20
MHz
Switching Characteristics Over the Operating Range[12] (continued)
Parameter
200 MHz
167 MHz
154 MHz
143 MHz
125 MHz
100 MHz
83 MHz
66 MHz
Unit
Switching Waveforms
Note:
19. Only applicable to the 5V devices.
tPD
INPUT
COMBINATORIAL
OUTPUT
Combinatorial Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com