Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY37032P44-125JC Datasheet(PDF) 46 Page - Cypress Semiconductor

Part # CY37032P44-125JC
Description  5V, 3.3V, ISR??High-Performance CPLDs
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY37032P44-125JC Datasheet(HTML) 46 Page - Cypress Semiconductor

Back Button CY37032P44-125JC Datasheet HTML 42Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 43Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 44Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 45Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 46Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 47Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 48Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 49Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 50Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 63 page
background image
Ultra37000 CPLD Family
Document #: 38-03007 Rev. *B
Page 46 of 63
3.3V Ordering Information
Macro-
cells
Speed
(MHz)
Ordering Code
Package
Name
Package Type
Operating
Range
32
143
CY37032VP44-143AC
A44
44-Lead Thin Quad Flat Pack
Commercial
CY37032VP44-143JC
J67
44-Lead Plastic Leaded Chip Carrier
CY37032VP48-143BAC
BA50
48-Lead Fine Pitch Ball Grid Array
100
CY37032VP44-100AC
A44
44-Lead Thin Quad Flat Pack
Commercial
CY37032VP44-100JC
J67
44-Lead Plastic Leaded Chip Carrier
CY37032VP48-100BAC
BA50
48-Lead Fine Pitch Ball Grid Array
CY37032VP44-100AI
A44
44-Lead Thin Quad Flat Pack
Industrial
CY37032VP44-100JI
J67
44-Lead Plastic Leaded Chip Carrier
CY37032VP48-100BAI
BA50
48-Lead Fine Pitch Ball Grid Array
64
143
CY37064VP44-143AC
A44
44-Lead Thin Quad Flatpack
Commercial
CY37064VP44-143JC
J67
44-Lead Plastic Leaded Chip Carrier
CY37064VP48-143BAC
BA50
48-Lead Fine-Pitch Ball Grid Array
CY37064VP84-143JC
J83
84-Lead Plastic Leaded Chip Carrier
CY37064VP100-143AC
A100
100-Lead Thin Quad Flatpack
CY37064VP100-143BBC
BB100
100-Lead Fine-Pitch Ball Grid Array
100
CY37064VP44-100AC
A44
44-Lead Thin Quad Flatpack
Commercial
CY37064VP44-100JC
J67
44-Lead Plastic Leaded Chip Carrier
CY37064VP48-100BAC
BA50
48-Lead Fine-Pitch Ball Grid Array
CY37064VP84-100JC
J83
84-Lead Plastic Leaded Chip Carrier
CY37064VP100-100AC
A100
100-Lead Thin Quad Flatpack
CY37064VP100-100BBC
BB100
100-Lead Fine-Pitch Ball Grid Array
CY37064VP44-100AI
A44
44-Lead Thin Quad Flatpack
Industrial
CY37064VP44-100JI
J67
44-Lead Plastic Leaded Chip Carrier
CY37064VP48-100BAI
BA50
48-Lead Fine-Pitch Ball Grid Array
CY37064VP84-100JI
J83
84-Lead Plastic Leaded Chip Carrier
CY37064VP100-100BBI
BB100
100-Lead Fine-Pitch Ball Grid Array
CY37064VP100-100AI
A100
100-Lead Thin Quad Flatpack
5962-9952001QYA
Y67
44-Lead Ceramic Leaded Chip Carrier
Military
128
125
CY37128VP84-125JC
J83
84-Lead Plastic Leaded Chip Carrier
Commercial
CY37128VP100-125AC
A100
100-Lead Thin Quad Flat Pack
CY37128VP100-125BBC
BB100
100-Lead Fine-Pitch Ball Grid Array
CY37128VP160-125AC
A160
160-Lead Thin Quad Flat Pack
83
CY37128VP84-83JC
J83
84-Lead Plastic Leaded Chip Carrier
Commercial
CY37128VP100-83AC
A100
100-Lead Thin Quad Flat Pack
CY37128VP100-83BBC
BB100
100-Lead Fine-Pitch Ball Grid Array
CY37128VP160-83AC
A160
160-Lead Thin Quad Flat Pack
CY37128VP84-83JI
J83
84-Lead Plastic Leaded Chip Carrier
Industrial
CY37128VP100-83AI
A100
100-Lead Thin Quad Flat Pack
CY37128VP100-83BBI
BB100
100-Lead Fine-Pitch Ball Grid Array
CY37128VP160-83AI
A160
160-Lead Thin Quad Flat Pack
5962-9952201QYA
Y84
84-Lead Ceramic Leaded Chip Carrier
Military



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com