Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY37032P44-125JC Datasheet(PDF) 17 Page - Cypress Semiconductor

Part # CY37032P44-125JC
Description  5V, 3.3V, ISR??High-Performance CPLDs
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY37032P44-125JC Datasheet(HTML) 17 Page - Cypress Semiconductor

Back Button CY37032P44-125JC Datasheet HTML 13Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 14Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 15Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 16Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 17Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 18Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 19Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 20Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 21Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 63 page
background image
Ultra37000 CPLD Family
Document #: 38-03007 Rev. *B
Page 17 of 63
3.3V AC Test Loads and Waveforms
AC Characteristics
90%
10%
3.0V
GND
90%
10%
ALL INPUT PULSES
3.3V
OUTPUT
35 pF
INCLUDING
JIG AND
SCOPE
3.3V
OUTPUT
5 pF
INCLUDING
JIG AND
SCOPE
(a)
(b)
<2 ns
OUTPUT
295
Ω (COM’L)
393
Ω (MIL)
340
Ω (COM’L)
453
Ω (MIL)
Equivalent to:
THÉVENIN EQUIVALENT
1.77V (COM'L)
1.77V (MIL)
295
Ω (COM'L)
393
Ω (MIL)
340
Ω (COM'L)
453
Ω (MIL)
<2 ns
(c)
270
Ω (MIL)
158
Ω (COM’L)
5 OR 35 pF
Parameter[11]
VX
Output Waveform—Measurement Level
tER(–)
1.5V
tER(+)
2.6V
tEA(+)
1.5V
tEA(–)
Vthe
(d) Test Waveforms
VOH
VX
0.5V
VOL
VX
0.5V
VX
VOH
0.5V
VX
VOL
0.5V
Switching Characteristics Over the Operating Range[12]
Parameter
Description
Unit
Combinatorial Mode Parameters
tPD
[13, 14, 15]
Input to Combinatorial Output
ns
tPDL
[13, 14, 15]
Input to Output Through Transparent Input or Output Latch
ns
tPDLL
[13, 14, 15]
Input to Output Through Transparent Input and Output Latches
ns
tEA
[13, 14, 15]
Input to Output Enable
ns
tER
[11, 13]
Input to Output Disable
ns
Input Register Parameters
tWL
Clock or Latch Enable Input LOW Time[8]
ns
Notes:
11.
tER measured with 5-pF AC Test Load and tEA measured with 35-pF AC Test Load.
12. All AC parameters are measured with two outputs switching and 35-pF AC Test Load.
13. Logic Blocks operating in Low-Power Mode, add tLP to this spec.
14. Outputs using Slow Output Slew Rate, add tSLEW to this spec.
15. When VCCO = 3.3V, add t3.3IO to this spec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com