Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STS1TX Datasheet(PDF) 33 Page - STMicroelectronics

Part # STS1TX
Description  Industrial monitoring and control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS1TX Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STS1TX Datasheet HTML 29Page - STMicroelectronics STS1TX Datasheet HTML 30Page - STMicroelectronics STS1TX Datasheet HTML 31Page - STMicroelectronics STS1TX Datasheet HTML 32Page - STMicroelectronics STS1TX Datasheet HTML 33Page - STMicroelectronics STS1TX Datasheet HTML 34Page - STMicroelectronics STS1TX Datasheet HTML 35Page - STMicroelectronics STS1TX Datasheet HTML 36Page - STMicroelectronics STS1TX Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 70 page
background image
DocID025109 Rev 1
33/70
STS1TX
Block description
Figure 6. Shaping of ASK signal
8.8
Temperature sensors (TS)
The STS1TX can provide an analog temperature indication as a voltage level, which is
available at the GPIO_0 pin. The voltage level V0 at room temperature (or any other useful
reference temperature) should be acquired and stored by the MCU in order to compensate
for the offset. The relationship between temperature and voltage is the following:
Equation 1
where V0 is the voltage at temperature T0.
Two output modes are available: buffered or not buffered (high output impedance, about
100 k
Ω). The latter mode is the default.
The TS function is available in every operating mode. When enabled, the internal logic
allows the switching on of all the necessary circuitry.
To enable the TS function, the user must perform the following operations:
Set to 1 the TS bit in the ANA_FUNC_CONF[0] register
Program as “Analog” (00) the GPIO_MODE field in the GPIO0_CONF register (other
fields are neglected)
Optionally, enable the buffered mode (the EN_TS_BUFFER bit in the PM_CONFIG[2]
register).
As the TS function requires the internal bias circuit operation, the overall current
consumption in STANDBY, SLEEP, and READY modes is increased by 400 µA.
8.9
AES encryption co-processor
The STS1TX provides data security support as it embeds an advanced encryption standard
(AES) core which implements a cryptographic algorithm in compliance with NIST FIPS 197.
T400
Vtemp V0
()
T0 3.75
+
()
+
=
°C
()



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com