Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STS1TX Datasheet(PDF) 42 Page - STMicroelectronics

Part # STS1TX
Description  Industrial monitoring and control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS1TX Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STS1TX Datasheet HTML 38Page - STMicroelectronics STS1TX Datasheet HTML 39Page - STMicroelectronics STS1TX Datasheet HTML 40Page - STMicroelectronics STS1TX Datasheet HTML 41Page - STMicroelectronics STS1TX Datasheet HTML 42Page - STMicroelectronics STS1TX Datasheet HTML 43Page - STMicroelectronics STS1TX Datasheet HTML 44Page - STMicroelectronics STS1TX Datasheet HTML 45Page - STMicroelectronics STS1TX Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 70 page
background image
Transmission and reception
STS1TX
42/70
DocID025109 Rev 1
Figure 8. LFSR block diagram
It is recommended to always enable data whitening.
9.4.4
Data padding
If FEC is enabled then the total length of payload and CRC must be an even number (in
order to completely fill up the interleaver). If not, a proper filling byte is automatically inserted
in transmission and removed by the receiver. The total packet length is affected, and it is
configured automatically enabling the FEC.
9.5
Packet handler engine
Before on-the-air transmission, raw data is properly cast into a packet structure. The
STS1TX offers a highly flexible and fully programmable packet; the structure of the packet,
the number, the type, and the dimension of the fields inside the packet depend on one of the
possible configuration settings. Through a suitable register the user can choose the packet
configuration from three options: STack, WM-Bus, and Basic.
The current packet format is set by the PCK_FRMT field of the PCKTCTRL3 register. In
particular:
0 Basic packet format
2 MBUS packet format
3 STack packet format.
The general packet parameters which can be set by the user are listed and described
hereafter. Some particular restrictions are possible depending on the selected packet
format.
9.5.1
STack packet
AM03940v1
Tout
Tx
0
1
2
3
4
5
6
7
8
1-32
1-4
0-16 bit
1
1
0-4
2 bit
1 bit
0-65535
0-3
Preambl
e
Sync
Length
Dest.
address
Source
address
Control Seq. No. NO_ACK Payload
CRC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com