Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STS1TX Datasheet(PDF) 44 Page - STMicroelectronics

Part # STS1TX
Description  Industrial monitoring and control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS1TX Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STS1TX Datasheet HTML 40Page - STMicroelectronics STS1TX Datasheet HTML 41Page - STMicroelectronics STS1TX Datasheet HTML 42Page - STMicroelectronics STS1TX Datasheet HTML 43Page - STMicroelectronics STS1TX Datasheet HTML 44Page - STMicroelectronics STS1TX Datasheet HTML 45Page - STMicroelectronics STS1TX Datasheet HTML 46Page - STMicroelectronics STS1TX Datasheet HTML 47Page - STMicroelectronics STS1TX Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 70 page
background image
Transmission and reception
STS1TX
44/70
DocID025109 Rev 1
9.5.2
Wireless M-Bus packet (W M-BUS, EN13757-4)
The WM-BUS packet structure is shown in the figure below (refer to EN13757 for details
about sub-mode specific radio setting).
The preamble consists of a number of chip sequences '01' whose length depends on the
chosen sub-mode according to EN13757-4. The length can be programmed using the
MBUS_PRMBL_CTRL, from a minimum to a maximum dictated from the standard
specification.
1st block, 2nd block, and optional blocks: can be defined by the user. The packet handler
engine uses the Manchester or the “3 out of 6” encoding for all the blocks according to the
defined sub-mode.
The postamble consists of a number of chip sequences '01' whose length depends on the
chosen sub-mode according to EN13757-4. The length can be programmed using the
MBUS_PSTMBL_CTRL, from a minimum to a maximum dictated from the standard
specification.
The sub-mode can be chosen setting the MBUS_SUBMODE[2:0] field of the MBUS_CTRL
register. There are 5 possible cases:
Submode S1, S2 (long header) (MBUS_SUBMODE=0):
Header length = MBUS_PRMBL_CTRL + 279 (in '01' bit pairs)
Sync word = 0x7696 (length 18 bits)
Submode S1-m, S2, T2 (other to meter) (MBUS_SUBMODE =1):
Header length = MBUS_PRMBL_CTRL + 15 (in '01' bit pairs)
Sync word = 0x7696 (length 18 bits)
Submode T1, T2 (meter to other) (MBUS_SUBMODE =3):
Header length = MBUS_PRMBL_CTRL + 19 (in '01' bit pairs)
Sync word = 0x3D (length 10 bits)
Submode R2, short header (MBUS_SUBMODE =5):
Header length = MBUS_PRMBL_CTRL + 39 (in '01' bit pairs)
Sync word = 0x7696 (length 18 bits).
Submode N1, N2, short header:
Header length = 8 (in '01' bit pairs)
Sync word = 0xF68D (length 18 bits).
9.5.3
Basic packet
Bytes nx(01)
nx(01)
Preamble
Sync
1st block
2nd block
Opt. blocks
Postamble
Manchester or 3 out of 6 encoding
1-32
1-4
0-16 bit
0-1
0-4
0-65535
0-3
Preamble
Sync
Length
Address
Control
Payload
CRC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com