Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC87570 Datasheet(PDF) 63 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570 Datasheet(HTML) 63 Page - National Semiconductor (TI)

Back Button PC87570 Datasheet HTML 59Page - National Semiconductor (TI) PC87570 Datasheet HTML 60Page - National Semiconductor (TI) PC87570 Datasheet HTML 61Page - National Semiconductor (TI) PC87570 Datasheet HTML 62Page - National Semiconductor (TI) PC87570 Datasheet HTML 63Page - National Semiconductor (TI) PC87570 Datasheet HTML 64Page - National Semiconductor (TI) PC87570 Datasheet HTML 65Page - National Semiconductor (TI) PC87570 Datasheet HTML 66Page - National Semiconductor (TI) PC87570 Datasheet HTML 67Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 168 page
background image
Host Bus Interface (HBI)
63
http://www.national.com
1: A read or write access by the host to the address
specified by KBCCSAH, KBCCAL generates a chip
select to the KBC channel (HKBCCS).
Bit 2 - PM Enable (PME)
0: PM channel cannot be accessed by the host; i.e.,
access to the address specified in PMCSAH, PMC-
SAL does not generate a chip select.
1: A read or write access by the host to the address
specified by PMCSAH, PMCAL generates a chip se-
lect to the PM channel (HPMCS).
5.14.13 Function Lock Register (FLR)
The FLR Register provides a lock bit to protect the configu-
ration registers from further change. This lock bit is for any
one of the host interface functions. On reset, the FLR Reg-
ister is cleared, enabling writes to all registers. Writing 1 to
a bit in the register locks the corresponding function. Once
locked, a function cannot be unlocked until reset is applied.
Bit 0 - RTC Channel Configuration Lock (RTCLK)
0: RTC
configuration
may
be
changed;
i.e.,
RTCCSAH and RTCCSAL Registers and RTCE in
the FER Register may be written.
1: RTC
configuration
cannot
be
changed;
i.e.,
RTCCSAH and RTCCSAL Registers and RTCE in
the FER Register become read only. Any data writ-
ten to them is ignored.
Bit 1 - KBC Channel Configuration Lock (KBCLK)
0: Keyboard channel configuration may be changed;
i.e., KBCCSAH and KBCCSAL Registers and
KBCE in the FER Register may be written.
1: Keyboard
channel
configuration
cannot
be
changed; i.e., KBCCSAH and KBCCSAL Registers
and KBCE in the FER Register become read only.
Any data written to them is ignored.
Bit 2 - PM Channel Configuration Lock (PMLK)
0: PM channel configuration may be changed; i.e.,
PMCSAH and PMCSAL Registers and PME in the
FER Register may be written.
1: PM channel configuration cannot be changed; i.e.,
PMCSAH and PMCSAL Registers and PME in the
FER Register become read only. Any data written
to them is ignored.
Bit 7 - Base Address Configuration Lock (SBALK)
0: Address of the configuration Index and Data Registers
may be changed; i.e., SBAL and SBAH may be written.
1: Configuration Index and Data Registers address
cannot be changed; i.e., SBAL and SBAH become
read only. Any data written to them is ignored.
5.14.14 IRQ Enable Register (IRQE)
The IRQE Register allows the host to enable the interrupt
signals. On reset, this register is set according to the value
of HDEN. If HDEN=0, it is cleared, disabling all interrupts by
placing the pins in TRI-STATE. If HDEN=1, non-reserved
bits in the IRQE Register are set to enable the interrupts.
For a description of the various IRQ modes, see Section
5.10.
Bit 0 - Interrupt Request 1 Enable (IRQ1E)
0: IRQ1 is in TRI-STATE
1: IRQ1 signal is active, according to the mode select-
ed.
Bit 1 - Interrupt Request 12 Enable (IRQ12E)
0: IRQ12 is in TRI-STATE
1: IRQ12 signal is active, according to the mode se-
lected.
Bit 2 - Interrupt Request 11 Enable (IRQ11E)
0: IRQ11 is in TRI-STATE
1: IRQ11 signal is active, according to the mode se-
lected.
Bit 3 - Interrupt Request 8 Enable (IRQ8E)
0: IRQ8 is in TRI-STATE
1: IRQ8 signal is active, according to the mode select-
ed.
76
5
4
3
2
1
0
SBALK
Reserved
PMLK KBCLK RTCLK
7654
3
2
1
0
Reserved
IRQ8E IRQ11E IRQ12E IRQ1E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com