Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC87570 Datasheet(PDF) 84 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87570
Description  PC87570 Keyboard and Power Management Controller
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87570 Datasheet(HTML) 84 Page - National Semiconductor (TI)

Back Button PC87570 Datasheet HTML 80Page - National Semiconductor (TI) PC87570 Datasheet HTML 81Page - National Semiconductor (TI) PC87570 Datasheet HTML 82Page - National Semiconductor (TI) PC87570 Datasheet HTML 83Page - National Semiconductor (TI) PC87570 Datasheet HTML 84Page - National Semiconductor (TI) PC87570 Datasheet HTML 85Page - National Semiconductor (TI) PC87570 Datasheet HTML 86Page - National Semiconductor (TI) PC87570 Datasheet HTML 87Page - National Semiconductor (TI) PC87570 Datasheet HTML 88Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 168 page
background image
Multi-Input Wake-Up (MIWU)
84
www.national.com
10.0 Multi-Input Wake-Up (MIWU)
The MIWU allows the device to exit Idle state. In addition, it
provides signal conditioning and grouping of external inter-
rupt sources.
10.1 FEATURES
q
Supports up to 24 wake-up or interrupt inputs
q
Generates a wake-up signal to PMC
q
Generates interrupt signals to the ICU
q
Provides user-selectable trigger condition on each in-
put:
— Rising edge
— Falling edge
q
Provides individual enable and pending bits per input.
10.2 FUNCTIONAL DESCRIPTION
The MIWU detects a valid software-selectable trigger con-
dition on any of its inputs. On detection of a valid trigger
condition, the MIWU generates a wake-up request and/or
an interrupt request. The wake-up request can be utilized by
the PMC to exit Idle mode and return to Active mode. The
interrupt requests are used to signal the ICU that an edge-
triggered external or internal interrupt condition has oc-
curred.
Table 10-1 lists the MIWU sources and interrupts used in
the PC87570. Figure 10-1 provides a schematic diagram of
the MIWU.
Table 10-1. Input Assignments
1. Program the input to detect rising edge of the input event.
2. Use falling edge to prevent losing events. This delays the wake-up until the end
of the APC output pulse.
3. The ICU is provided with the OR of WKINTA and WKO24 as the interrupt input.
4. The wake-up input is triggered when the host accesses the PC87570. See Sec-
tion 5.11.7 on page 54. Configure the WUI26 for falling edge detection.
5. This input does not generate an interrupt.
Source
Destination
Name
MIWU Input
Interrupt Name
MIWU Output
PSCLK1
WUI10
MIWU1
WKINTA
PSCLK2
WUI11
PSCLK3
WUI12
PSDAT1
WUI13
PSDAT2
WUI14
PSDAT3
WUI15
ACCESS.bus Wake-Up1
WUI16
APC-ON event2
WUI17
EXINT0
WUI20
INT0
WKO20
EXINT10
WUI21
INT10
WKO21
EXINT11
WUI22
INT11
WKO22
EXINT15
WUI23
INT15
WKO23
APC-OFF Event1
WUI24
INT33
WKO24
SWIN
WUI25
INT9
WKO25
Host Bus Read or Write4
WUI26
- 5
WKO26
T0OUT1
WUI27
T0OUTINT
WKO27
KBSIN0
WUI30
KBSINT
WKINTC
KBSIN1
WUI31
KBSIN2
WUI32
KBSIN3
WUI33
KBSIN4
WUI34
KBSIN5
WUI35
KBSIN6
WUI36
KBSIN7
WUI37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com