Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC564A74L7 Datasheet(PDF) 69 Page - STMicroelectronics

Part # SPC564A74L7
Description  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A74L7 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button SPC564A74L7 Datasheet HTML 65Page - STMicroelectronics SPC564A74L7 Datasheet HTML 66Page - STMicroelectronics SPC564A74L7 Datasheet HTML 67Page - STMicroelectronics SPC564A74L7 Datasheet HTML 68Page - STMicroelectronics SPC564A74L7 Datasheet HTML 69Page - STMicroelectronics SPC564A74L7 Datasheet HTML 70Page - STMicroelectronics SPC564A74L7 Datasheet HTML 71Page - STMicroelectronics SPC564A74L7 Datasheet HTML 72Page - STMicroelectronics SPC564A74L7 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 157 page
background image
VDD
Core supply for input or
decoupling
—
—
I
1.2 V
I / —
VDD
33,
45,
62,
103,
132,
149,
176
B1, B16,
C2, D3,
E4, N5,
P4, P13,
R3, R14,
T2, T15
A2, A20, B3,
C4, C22, D5,
V19, W5,
W20, Y4, Y21,
AA3, AA22,
AB2
VDDE12
External supply input for
calibration bus interfaces
—
—
I
1.8 V - 3.3 V
I / —
VDDE12
—
—
—
VDDE2(23)
External supply input for EBI
interfaces
—
—
I
1.8 V - 3.3 V
I / —
VDDE2(24)
——
M9, M10, N11,
P11, W6, W8,
Y5, AA4, AA6,
AA10, AB3
VDDE5
External supply input for
ENGCLK, CLKOUT and EBI
signals DATA[0:15]
—
—
I
1.8 V - 3.3 V
I / —
VDDE5
—
T13
W17, Y18,
AA19, AB20
VDDE-EH
External supply for EBI interfaces
—
—
I
3.0 V - 5 V
I / —
VDDE-EH
—
—
R3, W2
VDDEH1A(25)
I/O Supply Input
—
—
I
3.3 V - 5.0 V
I / —
VDDEH1A(25)
31
—
—
VDDEH1B(25)
I/O Supply Input
—
—
I
3.3 V - 5.0 V
I / —
VDDEH1B(25)
41
—
—
VDDEH1AB(25)
I/O Supply Input
—
—
I
3.3 V - 5.0 V
I / —
VDDEH1AB(25)
—K4
H4
VDDEH4(26)
I/O Supply Input
—
—
I
3.3 V - 5.0 V
I / —
VDDEH4(26)
——
—
VDDEH4A(26)
I/O Supply Input
—
—
I
3.3 V - 5.0 V
I / —
VDDEH4A(26)
55
—
—
VDDEH4B(26)
I/O Supply Input
—
—
I
3.3 V - 5.0 V
I / —
VDDEH4B(26)
74
—
—
Table 4.
SPC564A80 signal properties (continued)
Name
Function(1)
P
A
G(2)
PCR
PA
Field
(3)
PCR
(4)
I/O
Type
Voltage(5) /
Pad Type(6)
Status(7)
Package pin #
During Reset
After
Reset
176
208
324



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com