| Electronic Components Datasheet Search |
|
SPC564A74L7 Datasheet(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC564A74L7 Datasheet(HTML) 17 Page - STMicroelectronics |
|
17 / 157 page ![]() SPC564A74L7, SPC564A80B4, SPC564A80L7 Introduction Doc ID 15399 Rev 9 17/157 GPIO block provides uniform and discrete input/output control of the I/O pins of the MCU. The reset controller performs reset monitoring of internal and external reset sources, and drives the RSTOUT pin. Communication between the SIU and the e200z4 CPU core is via the crossbar switch. The SIU provides the following features: ● System configuration – MCU reset configuration via external pins – Pad configuration control for each pad – Pad configuration control for virtual I/O via DSPI serialization ● System reset monitoring and generation – Power-on reset support – Reset status register provides last reset source to software – Glitch detection on reset input – Software controlled reset assertion ● External interrupt – Rising or falling edge event detection – Programmable digital filter for glitch rejection – Critical Interrupt request – Non-Maskable Interrupt request ● GPIO – Centralized control of I/O and bus pins – Virtual GPIO via DSPI serialization (requires external deserialization device) – Dedicated input and output registers for setting each GPIO and Virtual GPIO pin ● Internal multiplexing – Allows serial and parallel chaining of DSPIs – Allows flexible selection of eQADC trigger inputs – Allows selection of interrupt requests between external pins and DSPI 1.5.8 Flash memory The SPC564A80 provides up to 4 MB of programmable, non-volatile, flash memory. The non-volatile memory (NVM) can be used to store instructions or data, or both. The flash module includes a Fetch Accelerator that optimizes the performance of the flash array to match the CPU architecture. The flash module interfaces the system bus to a dedicated flash memory array controller. For CPU ‘loads’, DMA transfers and CPU instruction fetch, it supports a 64-bit data bus width at the system bus port, and 128- and 256-bit read data interfaces to flash memory. The module contains a prefetch controller which prefetches sequential lines of data from the flash array into the buffers. Prefetch buffer hits allow no-wait responses. The flash memory provides the following features: ● Supports a 64-bit data bus for instruction fetch, CPU loads and DMA access. Byte, halfword, word and doubleword reads are supported. Only aligned word and doubleword writes are supported. ● Fetch Accelerator – Architected to optimize the performance of the flash – Configurable read buffering and line prefetch support |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |