Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC564A74L7 Datasheet(PDF) 22 Page - STMicroelectronics

Part # SPC564A74L7
Description  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A74L7 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button SPC564A74L7 Datasheet HTML 18Page - STMicroelectronics SPC564A74L7 Datasheet HTML 19Page - STMicroelectronics SPC564A74L7 Datasheet HTML 20Page - STMicroelectronics SPC564A74L7 Datasheet HTML 21Page - STMicroelectronics SPC564A74L7 Datasheet HTML 22Page - STMicroelectronics SPC564A74L7 Datasheet HTML 23Page - STMicroelectronics SPC564A74L7 Datasheet HTML 24Page - STMicroelectronics SPC564A74L7 Datasheet HTML 25Page - STMicroelectronics SPC564A74L7 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 157 page
background image
Introduction
SPC564A74L7, SPC564A80B4, SPC564A80L7
22/157
Doc ID 15399 Rev 9
include differential inputs; integrated variable gain amplifiers for increasing the dynamic
range; programmable pull-up and pull-down resistors for biasing and sensor diagnostics.
The eQADC also integrates a programmable decimation filter capable of taking in ADC
conversion results at a high rate, passing them through a hardware low pass filter, then
down-sampling the output of the filter and feeding the lower sample rate results to the result
FIFOs. This allows the ADCs to sample the sensor at a rate high enough to avoid aliasing of
out-of-band noise; while providing a reduced sample rate output to minimize the amount
DSP processing bandwidth required to fully process the digitized waveform.
The eQADC provides the following features:
●
Dual on-chip ADCs
–2
 12-bit ADC resolution
–
Programmable resolution for increased conversion speed (12-bit, 10-bit, 8-bit)
12-bit conversion time: 938 ns (1 M sample/sec)
10-bit conversion time: 813 ns (1.2 M sample/second)
8-bit conversion time: 688 ns (1.4 M sample/second)
–
Up to 10-bit accuracy at 500 KSample/s and 8-bit accuracy at 1 MSample/s
–
Differential conversions
–
Single-ended signal range from 0 to 5 V
–
Variable gain amplifiers on differential inputs (
1, 2, 4)
–
Sample times of 2 (default), 8, 64 or 128 ADC clock cycles
–
Provides time stamp information when requested
–
Allows time stamp information relative to eTPU clock sources, such as an angle
clock
–
Parallel interface to eQADC CFIFOs and RFIFOs
–
Supports both right-justified unsigned and signed formats for conversion results
●
40 single-ended input channels, expandable to 56 channels with external multiplexers
(supports four external 8-to-1 muxes)
●
8 channels can be used as 4 pairs of differential analog input channels
●
Differential channels include variable gain amplifier for improved dynamic range
●
Differential channels include programmable pull-up and pull-down resistors for biasing
and sensor diagnostics (200 k
100 k5k
●
Additional internal channels for monitoring voltages (such as core voltage, I/O voltage,
LVI voltages, etc.) inside the device
●
An internal bandgap reference to allow absolute voltage measurements
●
Silicon die temperature sensor
–
Provides temperature of silicon as an analog value
–
Read using an internal ADC analog channel
–
May be read with either ADC
●
2 Decimation Filters
–
Programmable decimation factor (1 to 16)
–
Selectable IIR or FIR filter
–
Up to 4th order IIR or 8th order FIR
–
Programmable coefficients



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com