| Electronic Components Datasheet Search |
|
SPC564A74L7 Datasheet(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC564A74L7 Datasheet(HTML) 32 Page - STMicroelectronics |
|
32 / 157 page ![]() Introduction SPC564A74L7, SPC564A80B4, SPC564A80L7 32/157 Doc ID 15399 Rev 9 1.6.2 Block summary Table 3 summarizes the functions of the blocks present on the SPC564A80 series microcontrollers. Table 3. SPC564A80 series block summary Block Function Boot assist module (BAM) Block of read-only memory containing executable code that searches for user-supplied boot code and, if none is found, executes the BAM boot code resident in device ROM. Calibration Bus interface Transfers data across the crossbar switch to/from peripherals attached to the calibration tool connector. Controller area network (FlexCAN) Supports the standard CAN communications protocol. Crossbar switch (XBAR) Internal busmaster. Cyclic redundancy check (CRC) CRC checksum generator. Deserial serial peripheral interface (DSPI) Provides a synchronous serial interface for communication with external devices. e200z4 core Executes programs and interrupt handlers. Enhanced direct memory access (eDMA) Performs complex data movements with minimal intervention from the core. Enhanced modular input-output system (eMIOS) Provides the functionality to generate or measure events. Enhanced queued analog-to-digital converter (eQADC) Provides accurate and fast conversions for a wide range of applications. Enhanced serial communication interface (eSCI) Provides asynchronous serial communication capability with peripheral devices and other microcontroller units. Enhanced time processor unit (eTPU2) Second-generation co-processor processes real-time input events, performs output waveform generation, and accesses shared data without host intervention. Error Correction Status Module (ECSM) The Error Correction Status Module supports a number of miscellaneous control functions for the platform, and includes registers for capturing information on platform memory errors if error- correcting codes (ECC) are implemented External bus interface (EBI) Enables expansion of internal bus to enable connection of external memory or peripherals. Flash memory Provides storage for program code, constants, and variables. FlexRay Provides high-speed distributed control for advanced automotive applications. Interrupt controller (INTC) Provides priority-based preemptive scheduling of interrupt requests. JTAG controller Provides the means to test chip functionality and connectivity while remaining transparent to system logic when not in test mode. Memory protection unit (MPU) Provides hardware access control for all memory references generated. Nexus port controller (NPC) Provides real-time development support capabilities in compliance with the IEEE-ISTO 5001-2003 standard. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |