Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC564A74L7 Datasheet(PDF) 110 Page - STMicroelectronics

Part # SPC564A74L7
Description  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A74L7 Datasheet(HTML) 110 Page - STMicroelectronics

Back Button SPC564A74L7 Datasheet HTML 106Page - STMicroelectronics SPC564A74L7 Datasheet HTML 107Page - STMicroelectronics SPC564A74L7 Datasheet HTML 108Page - STMicroelectronics SPC564A74L7 Datasheet HTML 109Page - STMicroelectronics SPC564A74L7 Datasheet HTML 110Page - STMicroelectronics SPC564A74L7 Datasheet HTML 111Page - STMicroelectronics SPC564A74L7 Datasheet HTML 112Page - STMicroelectronics SPC564A74L7 Datasheet HTML 113Page - STMicroelectronics SPC564A74L7 Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 157 page
background image
Electrical characteristics
SPC564A74L7, SPC564A80B4, SPC564A80L7
110/157
Doc ID 15399 Rev 9
5T64kpperase
C
C
P
64 KB Block Pre-program and Erase
Time
—
800
1800
5000
ms
6T128kpperase
C
C
P
128 KB Block Pre-program and Erase
Time
—
1500
3000
7500
ms
7T256kpperase
C
C
P
256 KB Block Pre-program and Erase
Time
—
3000
5300
15000
ms
8Tpsrt
SR —
Program suspend request rate(5)
100
—
—
—
s
9Tesrt
SR —
Erase suspend request rate (6)
10
ms
1.
Typical program and erase times assume nominal supply values and operation at 25 oC. All times are subject to change
pending device characterization.
2.
Initial factory condition: < 100 program/erase cycles, 25 oC, typical supply voltage, 80 MHz minimum system frequency.
3.
The maximum erase time occurs after the specified number of program/erase cycles. This maximum value is characterized
but not guaranteed.
4.
Page size is 128 bits (4 words).
5.
Time between program suspend resume and the next program suspend request.
6.
Time between erase suspend resume and the next erase suspend request.
Table 33.
Flash program and erase specifications(1) (continued)
#Symbol
C
Parameter
Min.
Value
Typical
Value
Initial
Max(2)
Max(3)
Unit
Table 34.
Flash module life
Symbol
C
Parameter
Conditions
Value
Unit
min
typ
P/E
CC
C
Number of program/erase
cycles per block for 16 KB,
48 KB, and 64 Kbyte blocks
over the operating
temperature range (TJ)
—
100,000
—
P/E
cycles
P/E
CC
C
Number of program/erase
cycles per block for
128 Kbyte and 256 Kbyte
blocks over the operating
temperature range (TJ)
—
1,000
100,000
P/E
cycles
Data
Retention
CC
C
Minimum data retention at
85
C average ambient
temperature(1)
Blocks with 0 – 1,000
P/E cycles
20
—
years
Blocks with 1,001 –
10,000 P/E cycles
10
—
years
Blocks with 10,001 –
100,000 P/E cycles
5
—
years
1.
Ambient temperature averaged over duration of application, not to exceed product operating temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com