Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8S105C4 Datasheet(PDF) 118 Page - STMicroelectronics

Part # STM8S105C4
Description  Extended instruction set
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4 Datasheet(HTML) 118 Page - STMicroelectronics

Back Button STM8S105C4 Datasheet HTML 113Page - STMicroelectronics STM8S105C4 Datasheet HTML 114Page - STMicroelectronics STM8S105C4 Datasheet HTML 115Page - STMicroelectronics STM8S105C4 Datasheet HTML 116Page - STMicroelectronics STM8S105C4 Datasheet HTML 117Page - STMicroelectronics STM8S105C4 Datasheet HTML 118Page - STMicroelectronics STM8S105C4 Datasheet HTML 119Page - STMicroelectronics STM8S105C4 Datasheet HTML 120Page - STMicroelectronics STM8S105C4 Datasheet HTML 121Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 118 / 121 page
background image
Revision history
STM8S105x4/6
118/121
DocID14771 Rev 15
21-Apr-2010
9
Added UFQFPN32 package silhouette to the title page.
In Features: added unique ID.
Section: Clock controller:
updated bit positions for TIM2
and TIM3.
Section: Beeper:
added information about availability of
the beeper output port through option bit AFR7.
Section: Analog-to-digital converter (ADC1)
: added a
note concerning additional AIN12 analog input.
Section: STM8S105 pinouts and pin description
: added
UFQFPN32 package details; updated default alternate
function of PB2/AIN2[TIM1_CH3N] pin in the "Pin
description for STM8S105 microcontrollers" table.
Section: Option bytes:
added description of STM8L
bootloader option bytes to the option byte description
table.
Added Section: Unique ID
Section: Operating conditions
: added introductory text;
removed low power dissipation condition for TA,
replaced "CEXT" by "VCAP", and added ESR and ESL
data in table "general operating conditions".
Section: Total current consumption in halt mode
:
replaced max value of IDD(H) at 85 °C from 20 µA to 25
µA for the condition "Flash in powerdown mode, HSI
clock after wakeup in the table "total current
consumption in halt mode at VDD = 5 V.
Section: Low power mode wakeup times
: added first
condition (0 to 16 MHz) for the tWU(WFI) parameter in the
table "wakeup times".
Section: Internal clock sources and timing
characteristics
: In the table: HSI oscillator
characteristics
, replaced min and max values of
ACCHSI factory calibrated parameter and removed
footnote 4 concerning further characterization of results.
Section: Functional EMS (electromagnetic
susceptibility
): IEC 1000 replaced with IEC 61000.
Section: Designing hardened software to avoid noise
problems:
IEC 1000 replaced with IEC 61000.
Section: Electromagnetic interference (EMI)
: SAE J
1752/3 replaced with IEC61967-2.
Section: Thermal characteristics:
Replaced the thermal
resistance junction ambient temperature of LQFP32 7X7
mm from 59 °C to 60 °C in the thermal characteristics
table.
Added Section: 32-lead UFQFPN package mechanical
data.
Added Section STM8S105 FASTROM microcontroller
option list.
Table 57. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com