Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST6G3244MEBJR Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST6G3244MEBJR
Description  Level translator for SD, SDIO, mini SD, and micro SD Cards with internal I/O supply and ±15 kV ESD protection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6G3244MEBJR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST6G3244MEBJR Datasheet HTML 3Page - STMicroelectronics ST6G3244MEBJR Datasheet HTML 4Page - STMicroelectronics ST6G3244MEBJR Datasheet HTML 5Page - STMicroelectronics ST6G3244MEBJR Datasheet HTML 6Page - STMicroelectronics ST6G3244MEBJR Datasheet HTML 7Page - STMicroelectronics ST6G3244MEBJR Datasheet HTML 8Page - STMicroelectronics ST6G3244MEBJR Datasheet HTML 9Page - STMicroelectronics ST6G3244MEBJR Datasheet HTML 10Page - STMicroelectronics ST6G3244MEBJR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
ST6G3244ME
Functional description
Doc ID 022157 Rev 2
7/27
DAT2.h
A1
I/O
A
Host side data input/output
DAT3.h
B1
I/O
A
Host side data input/output
WP
E4
Input to CPU
A
Write protect
CD
D3
Input to CPU
A
Card detect
CMDB
D4
I/O
B
Card side command
CLKB
C5
Output
B
Card side clock output
DAT0B
D5
I/O
B
Card side data input/output
DAT1B
E5
I/O
B
Card side data input/output
DAT2B
A5
I/O
B
Card side data input/output
DAT3B
B5
I/O
B
Card side data input/output
1.
Collective names are used for groups of pins in the datasheet:
*.dir = CMD.dir, DAT0.dir, DAT123.dir
*.h = CMD.h, CLK.h, DAT0.h, DAT1.h, DAT2.h, DAT3.h
*B = CMDB, CLKB, DAT0B, DAT1B, DAT2B, DAT3B
VIA = all A-side input pins.
Table 2.
Signal names (continued)(1)
Pin name
Bump
Type
Side
Description
Table 3.
Direction control
Command signals
Direction of A-side signals(1)
Direction of B-side signals(1)
H
H
X
X
IN
IN
OUT
X
X
OUT
OUT
X
X
HL
X
X
OUT
IN
OUT
X
X
IN
OUT
X
X
H
X
H
X
X
IN
OUT
IN
X
X
OUT
OUT
X
H
X
L
X
X
IN
OUT
OUT
X
X
OUT
IN
X
H
X
X
H
X
IN
OUT
X
IN
X
OUT
X
OUT
H
X
X
L
X
IN
OUT
X
OUT
X
OUT
X
IN
LX
X
X
X
X
Z
X
X
(2)
Z
(2)
(2)
1.
When the direction of the A-side signal is INPUT, the host CPU WRITES to the SD Card (i.e. the direction of the B-side
signal is OUTPUT).
When the direction of the A-side signal is OUTPUT, the host CPU READS the SD Card (i.e. the direction of the B-side
signal is INPUT).
2.
Level of the B-side signals when EN = L is defined by the internal resistors as listed in Table 7.
Note:
During application design it has to be considered that the level shifter device needs some
time to change the direction after a change of the .dir signal level. Valid data on the input of
the corresponding channel can then start after a turn-around time, see the tTA specification
in Table 12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com