Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST6G3244MEBJR Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST6G3244MEBJR
Description  Level translator for SD, SDIO, mini SD, and micro SD Cards with internal I/O supply and ±15 kV ESD protection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6G3244MEBJR Datasheet(HTML) 1 Page - STMicroelectronics

  ST6G3244MEBJR Datasheet HTML 1Page - STMicroelectronics ST6G3244MEBJR Datasheet HTML 2Page - STMicroelectronics ST6G3244MEBJR Datasheet HTML 3Page - STMicroelectronics ST6G3244MEBJR Datasheet HTML 4Page - STMicroelectronics ST6G3244MEBJR Datasheet HTML 5Page - STMicroelectronics ST6G3244MEBJR Datasheet HTML 6Page - STMicroelectronics ST6G3244MEBJR Datasheet HTML 7Page - STMicroelectronics ST6G3244MEBJR Datasheet HTML 8Page - STMicroelectronics ST6G3244MEBJR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
November 2011
Doc ID 022157 Rev 2
1/27
1
ST6G3244ME
Level translator for SD, SDIO, mini SD, and micro SD Cards
with internal I/O supply and ±15 kV ESD protection
Features
■ Supports 60 MHz clock rate
■ Supports DDR mode for SD Card™
■ Compliant with
– SD Specification Part 1 Physical Layer
Specification 3.00 (SDR12, SDR25,
DDR50)
– SD Specification Part 1 Physical Layer
Specification 2.00
■ Bi-directional with direction control pin
■ Balanced propagation delays: tPLH ≈ tPHL
■ LDO power-down support. When the LDO is
powered down, VCCB is pulled to GND via
the 130
Ω resistor. When VCCB = 0 V, there is
no additional leakage seen on VCCA.
■ EMI filtering and signal conditioning
■ Supports both 1.8 V and 2.9 V data translation
on card side
■ Integrated LDO to supply 1.8 V or 2.9 V power
for B-side I/Os (pin-selectable); can be used
also externally
■ Integrated pull-up and pull-down resistors on
B-side
■ Operating voltage range
–VCCA = 1.62 V to 1.98 V
–VBAT = 3.0 V to 5.0 V
■ Latch-up performance exceeds 100 mA
(JEDEC Standard 78)
■ ESD protection for card side (B-port, CD and
WP pins)
– ±8 kV contact discharge (IEC61000-4-2)
– ±15 kV air-gap discharge (IEC61000-4-2)
■ ESD protection for host side (A-side)
– ±2 kV HBM (JEDEC 22-A114)
– ±200 V MM (JEDEC 22-A115)
■ Operating temperature range –40 °C to +85 °C
■ Space-saving Flip Chip 25 package
(2 x 2 x 0.605 mm, 0.4 mm bump pitch)
■ RoHS compliant, lead-free soldering capable
Applications
■ Mobile phones, smartphones
■ PDAs
■ Cameras
■ SD Card readers
■ Any device with SD memory card
Table 1.
Device summary
Order code
Package
Packing
Package
topmark
ST6G3244MEBJR
Flip Chip 25
2 x 2 x
0.605 mm,
0.4 mm
bump pitch
Tape
and reel
(5000
parts per
reel)
VKH,
VKV
Flip Chip 25
www.st.com


Similar Part No. - ST6G3244MEBJR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST6G3240 STMICROELECTRONICS-ST6G3240 Datasheet
559Kb / 29P
Dual supply level translator for dual memory cards (mini SD/micro SD managed NAND)
18-Apr-2008
ST6G3240TBR STMICROELECTRONICS-ST6G3240TBR Datasheet
559Kb / 29P
Dual supply level translator for dual memory cards (mini SD/micro SD managed NAND)
18-Apr-2008
More results

Similar Description - ST6G3244MEBJR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST6G3238E STMICROELECTRONICS-ST6G3238E Datasheet
224Kb / 17P
Dual Supply Level Translator for SD/ MINISD/ T-FLASH With ±8KV Contact Discharge ESD Protection
23-Feb-2006
logo
Fairchild Semiconductor
FSSD06 FAIRCHILD-FSSD06 Datasheet
184Kb / 2P
SD/SDIO and MMC Two-Port Multiplexer
logo
STMicroelectronics
EMIF06-MSD01F2 STMICROELECTRONICS-EMIF06-MSD01F2 Datasheet
190Kb / 7P
IPAD??Mini and micro SD Card - EMI filtering and 25 kV ESD protection
02-Feb-2007
ST6G3240 STMICROELECTRONICS-ST6G3240 Datasheet
559Kb / 29P
Dual supply level translator for dual memory cards (mini SD/micro SD managed NAND)
18-Apr-2008
logo
Infineon Technologies A...
BGF117 INFINEON-BGF117 Datasheet
721Kb / 8P
High-Speed Mini-/Micro-SD Card ESD Protection and EMI Filter
V2.0, January 2010
logo
STMicroelectronics
EMIF06-MSD02C3 STMICROELECTRONICS-EMIF06-MSD02C3 Datasheet
613Kb / 11P
Mini and micro-SD card IPAD??EMI filtering and ESD protection
12-Aug-2010
EMIF06-USD05F3 STMICROELECTRONICS-EMIF06-USD05F3 Datasheet
337Kb / 8P
6-line EMI filter and ESD protection for SD card, mini-SD card and micro-SD card interfaces
25-Apr-2014
logo
NXP Semiconductors
NVT4858 NXP-NVT4858 Datasheet
455Kb / 26P
SD, SDIO, mini SD, micro SD and SIM card voltage level translator with EMI filter and ESD protection
Rev. 1.0-21 April 2021
NVT4858 NXP-NVT4858_V01 Datasheet
639Kb / 34P
SD, SDIO, mini SD, micro SD and SIM card voltage level translator with EMI filter and ESD protection
Rev. 2.2 - 21 September 2022
NVT4858 NXP-NVT4858_V02 Datasheet
638Kb / 33P
SD, SDIO, mini SD, micro SD and SIM card voltage level translator with EMI filter and ESD protection
Rev. 2.3 - 8 May 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com