Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST6G3244MEBJR Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST6G3244MEBJR
Description  Level translator for SD, SDIO, mini SD, and micro SD Cards with internal I/O supply and ±15 kV ESD protection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6G3244MEBJR Datasheet(HTML) 5 Page - STMicroelectronics

  ST6G3244MEBJR Datasheet HTML 1Page - STMicroelectronics ST6G3244MEBJR Datasheet HTML 2Page - STMicroelectronics ST6G3244MEBJR Datasheet HTML 3Page - STMicroelectronics ST6G3244MEBJR Datasheet HTML 4Page - STMicroelectronics ST6G3244MEBJR Datasheet HTML 5Page - STMicroelectronics ST6G3244MEBJR Datasheet HTML 6Page - STMicroelectronics ST6G3244MEBJR Datasheet HTML 7Page - STMicroelectronics ST6G3244MEBJR Datasheet HTML 8Page - STMicroelectronics ST6G3244MEBJR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
ST6G3244ME
Description
Doc ID 022157 Rev 2
5/27
1
Description
The ST6G3244ME is a dual supply, low voltage 6-bit bi-directional CMOS level translator for
SD, mini SD and micro SD Cards. Designed for use as an interface between baseband and
memory cards, it achieves high speed operation while maintaining CMOS low-power
dissipation.
The A-port is designed to track VCCA. The internal LDO is powered by VBAT and provides
a power supply of either 1.8 V or 2.9 V to the B-side I/Os (programmed by the SEL pin).
The B-port is designed to track VCCB. The VCCB voltage can be also used externally. When
VCCB = 0 V, there is no additional leakage seen on VCCA. All outputs are push-pull type.
This device is intended for two-way asynchronous communication between data buses.
The direction of data transmission is determined by CMD.dir, DAT0.dir and DAT123.dir
inputs.
All inputs are equipped with protection circuits against electrostatic discharge, giving them
±2 kV (on A-side) and ±15 kV (on B-side, CD and WP) ESD and transient excess voltage
immunity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com