Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST6G3244MEBJR Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST6G3244MEBJR
Description  Level translator for SD, SDIO, mini SD, and micro SD Cards with internal I/O supply and ±15 kV ESD protection
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6G3244MEBJR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST6G3244MEBJR Datasheet HTML 11Page - STMicroelectronics ST6G3244MEBJR Datasheet HTML 12Page - STMicroelectronics ST6G3244MEBJR Datasheet HTML 13Page - STMicroelectronics ST6G3244MEBJR Datasheet HTML 14Page - STMicroelectronics ST6G3244MEBJR Datasheet HTML 15Page - STMicroelectronics ST6G3244MEBJR Datasheet HTML 16Page - STMicroelectronics ST6G3244MEBJR Datasheet HTML 17Page - STMicroelectronics ST6G3244MEBJR Datasheet HTML 18Page - STMicroelectronics ST6G3244MEBJR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
ST6G3244ME
Data transmission
Doc ID 022157 Rev 2
15/27
Figure 5.
Symbol definitions of tPLH, tPHL, tr and tf for AC characteristics
INPUT
OUTPUT
50 %
50 %
50 %
50 %
20 %
20 %
80 %
80 %
VCCA or VCCB
0 V
VCCA or VCCB
0 V
tr
tf
tPLH
tPHL
AM04959v1
Table 12.
AC characteristics (TA = –40 °C to 85 °C)
Symbol
Parameter
Test condition
Min. Typ. Max.
Unit
tPHL
Propagation delay HL from host to SD
See
Section 6.1
VCCB = 1.8 V
3.2
7
ns
VCCB = 2.9 V
3.2
5
tPLH
Propagation delay LH from host to SD
See
Section 6.1
VCCB = 1.8 V
3.2
7
ns
VCCB = 2.9 V
3.2
5
tPHL
Propagation delay HL from SD to host
See
Section 6.2
VCCB = 1.8 V
3.0
7
ns
VCCB = 2.9 V
2.8
5
tPLH
Propagation delay LH from SD to host
See
Section 6.2
VCCB = 1.8 V
3.0
7
ns
VCCB = 2.9 V
2.8
5
tr
Rise time from host to SD
See
Section 6.1
VCCB = 1.8 V
2.0
4
ns
VCCB = 2.9 V
2.0
4
Rise time from SD to host
See
Section 6.2
VCCB = 1.8 V
2.0
4
VCCB = 2.9 V
2.0
4
tf
Fall time from host to SD
See
Section 6.1
VCCB = 1.8 V
2.0
4
ns
VCCB = 2.9 V
2.0
4
Fall time from SD to host
See
Section 6.2
VCCB = 1.8 V
2.0
4
VCCB = 2.9 V
2.0
4
tTA
Turn-around time (direction switch
response, for all channels)(1)
VCCB = 1.8 V or
2.9 V,
CL = 15 pF
7.5
12
ns
tSKEW
Delay differences from host to SD
See
Section 6.1
See
Section 6.3
–0.5
0
0.5
ns
tCH2CH-SKEW Channel-to-channel skew
–0.5
0
0.5
ns
tSKEW.f
CLK-f to CMD, DAT delay (valid for PCB
trace lengths from 20 mm to 100 mm)
See
Section 6.2
See
Section 6.4
0.3
1.2
ns
tP_CLKF
Propagation delay from CLK feedback
See
Section 6.2
VCCB = 1.8 V
5.7
13.5
ns
VCCB = 2.9 V
5.5
9.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com