Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STHDMI001A Datasheet(PDF) 8 Page - STMicroelectronics

Part # STHDMI001A
Description  3.3V, high bandwith, 2-to-1 high definition multimedia interface (HDMI) switch with single enable
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHDMI001A Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STHDMI001A Datasheet HTML 4Page - STMicroelectronics STHDMI001A Datasheet HTML 5Page - STMicroelectronics STHDMI001A Datasheet HTML 6Page - STMicroelectronics STHDMI001A Datasheet HTML 7Page - STMicroelectronics STHDMI001A Datasheet HTML 8Page - STMicroelectronics STHDMI001A Datasheet HTML 9Page - STMicroelectronics STHDMI001A Datasheet HTML 10Page - STMicroelectronics STHDMI001A Datasheet HTML 11Page - STMicroelectronics STHDMI001A Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
3 DC and AC parameters
STHDMI001A
8/17
3.1
Capacitance
Note:
4. x = Data0+, Data0–, Data1+, Data1–, Data2+, Data2–, Clock+, Clock–
X0 = A0+, A0–, A1+, A1–, A2+, A2–, AClock+, AClock–
X1 = B0+, B0–, B1+, B1–, B2+, B2–, BClock+, BClock–
3.2
Power supply
Note:
Valid for Ambient Operating Temperature: TA = –40 to 85°C; VCC = 3.3V ± 10% (except where
noted).
Table 6.
Capacitance
Symbol
Parameter
Test
Conditions
Min.
Typ.
Max.
Unit
CIN
Input Capacitance (Note:4)
VIN = 0V
23
pF
COFF
Port x0 to Port x1, Switch Off (Note:4)
VIN = 0V
46
pF
CON
Capacitance Switch on (x to x0 or x to x1)
(Note:4)
VIN = 0V
7.5
11
pF
Table 7.
Power supply characterics
Symbol
Parameter
Test
conditions
Min.
Typ.
Max.
Unit
ICC
Quiescent Power Supply Current
VCC = 3.6 V,
VIN = VCC or
GND
150
500
µA
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com