Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STHDMI001A Datasheet(PDF) 9 Page - STMicroelectronics

Part # STHDMI001A
Description  3.3V, high bandwith, 2-to-1 high definition multimedia interface (HDMI) switch with single enable
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHDMI001A Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STHDMI001A Datasheet HTML 5Page - STMicroelectronics STHDMI001A Datasheet HTML 6Page - STMicroelectronics STHDMI001A Datasheet HTML 7Page - STMicroelectronics STHDMI001A Datasheet HTML 8Page - STMicroelectronics STHDMI001A Datasheet HTML 9Page - STMicroelectronics STHDMI001A Datasheet HTML 10Page - STMicroelectronics STHDMI001A Datasheet HTML 11Page - STMicroelectronics STHDMI001A Datasheet HTML 12Page - STMicroelectronics STHDMI001A Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STHDMI001A
4 Dynamic characteristics
9/17
4
Dynamic characteristics
Figure 3.
Measurement circuit
CL = Load Capacitance: includes jig and probe capacitance.
RT = Termination Resistance: should be equal to ZOUT of the Pulse Generator.
Note:
Valid for Ambient Operating Temperature: TA = –40 to 85°C; VCC = 3.3V ± 10% (except where
noted).
Table 8.
Dynamic characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
XTALK
Non-adjacent channel
Cross-talk
RL = 100Ω, f = 250MHz
-45
dB
RL = 100Ω, f = 370MHz
-42
dB
RL = 100Ω, f = 825MHz
-32
dB
OIRR
Off Isolation
RL = 100Ω, f = 250MHz
-40
dB
RL = 100Ω, f = 370MHz
-36
dB
RL = 100Ω, f = 500MHz
-30
dB
RL = 100Ω, f = 825MHz
-25
dB
DR
Data rate per channel
1.65
Gbps
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com