Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STHDMI001A Datasheet(PDF) 1 Page - STMicroelectronics

Part # STHDMI001A
Description  3.3V, high bandwith, 2-to-1 high definition multimedia interface (HDMI) switch with single enable
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHDMI001A Datasheet(HTML) 1 Page - STMicroelectronics

  STHDMI001A Datasheet HTML 1Page - STMicroelectronics STHDMI001A Datasheet HTML 2Page - STMicroelectronics STHDMI001A Datasheet HTML 3Page - STMicroelectronics STHDMI001A Datasheet HTML 4Page - STMicroelectronics STHDMI001A Datasheet HTML 5Page - STMicroelectronics STHDMI001A Datasheet HTML 6Page - STMicroelectronics STHDMI001A Datasheet HTML 7Page - STMicroelectronics STHDMI001A Datasheet HTML 8Page - STMicroelectronics STHDMI001A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
April 2006
Rev 3
1/17
17
STHDMI001A
3.3V, high bandwith, 2-to-1 high definition multimedia interface
(HDMI) switch with single enable
Features
■
Compatible with HDMI v1.1 and DVI v1.0
digital interfaces
■
Data rate per channel for UXGA: 1.65Gbps
■
165MHz speed operation supports all video
formats up to 1080p and SXGA (1280x1024 at
75 Hz)
■
Low RON: 5.5 Ω(typ)
■
VCC operating range: 3.0V to 3.6V
■
Low current consumption: 20
µA
■
ESD human body model HBM Voltage:
–
±2KV for all I/Os
■
Channel ON capacitance: 6pF (typ)
■
Switching speed: 9ns
■
Near-zero propagation delay: 250ps
■
Low crosstalk: -32dB at 825MHz
■
Bit-to-bit skew: 200ps
■
Very low ground bounce in flow through mode
■
Data and control inputs provide an undershoot
clamp diode
■
Wide bandwidth minimizes skew and jitter
■
Hot insertion capable
■
Supports bi-directional operation
■
Available in the TSSOP48 package
■
–40°C to 85°C operating temperature range
Description
The STHDMI001A is a differential Single Pole
Double Throw (SPDT) 2-to-1, low RON,
bidirectional HDMI switch. It is designed to
support HDMI/DVI television systems that
produce superior high-definition image quality.
The differential signal from the 2 HDMI ports is
multiplexed through the switch to form a single
output HDMI channel going to the HDMI receiver,
while the deselected output goes to the high-Z
(high impedance) state. It is designed for very low
cross-talk, low bit-to-bit skew, high channel-to-
channel noise isolation, and low I/O capacitance.
This switch offers very little high-speed signal
attenuation at the outputs, thus preserving the
signal integrity necessary to pass stringent
interference requirements. STHDMI001A
provides the ability to switch a single source
output to various display devices or switch video
display devices between multiple sources. It
reduces the overall BOM costs by eliminating the
need for more costly multi input output controllers
Applications
■
DVD Players
■
Front projectors
■
LCD TVs and monitors
■
Notebook PCs
■
PDPs
TSSOP48
www.st.com
Order codes
Part number
Temperature range
Package
Comments
STHDMI001A
–65
°C to +150°C
TSSOP48
STHDMI001ATTR
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STHDMI001A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STHDMI001ATTR STMICROELECTRONICS-STHDMI001ATTR Datasheet
519Kb / 17P
3.3V, High Bandwith, 2-to-1 High Definition Multimedia Interface (HDMI) Switch with Single Enable
03-Jan-2006
More results

Similar Description - STHDMI001A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STHDM1001A STMICROELECTRONICS-STHDM1001A Datasheet
519Kb / 17P
3.3V, High Bandwith, 2-to-1 High Definition Multimedia Interface (HDMI) Switch with Single Enable
03-Jan-2006
STHDMI002A STMICROELECTRONICS-STHDMI002A Datasheet
574Kb / 26P
Wide bandwidth, 2 to 1 HDMI switch with single enable
10-Oct-2006
logo
Adam Technologies, Inc.
HDMISRA1 ADAM-TECH-HDMISRA1 Datasheet
108Kb / 1P
HDMI CONNECTOR HIGH DEFINITION MULTI-MEDIA INTERFACE
HDMI-S-RA-1 ADAM-TECH-HDMI-S-RA-1 Datasheet
215Kb / 1P
HDMI CONNECTOR HIGH DEFINITION MULTI-MEDIA INTERFACE
logo
Molex Electronics Ltd.
88768-9800 MOLEX-88768-9800 Datasheet
230Kb / 2P
High Definition Multimedia Interface (HDMI) Connector System
47266-0001 MOLEX-47266-0001 Datasheet
119Kb / 2P
High Definition Multimedia Interface (HDMI) Receptacle
logo
Linear Technology
LTC4307-1 LINER-LTC4307-1_15 Datasheet
168Kb / 12P
High Defi nition Multimedia Interface (HDMI) Level- Shifting 2-Wire Bus Buffer
logo
Level One
HVE-9900 LVL1-HVE-9900 Datasheet
166Kb / 3P
The High-Definition Multimedia Interface (HDMI)
logo
Pericom Semiconductor C...
PI3PCIE3412 PERICOM-PI3PCIE3412 Datasheet
1Mb / 10P
3.3V, PCI Express 3.0 2-Lane, 2:1 Mux/DeMux Switch, with Single Enable
logo
Guangdong Youtai Semico...
ESD0524P UMW-ESD0524P Datasheet
849Kb / 4P
High Definition Multi-Media Interface (HDMI)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com