Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STHDMI001A Datasheet(PDF) 11 Page - STMicroelectronics

Part # STHDMI001A
Description  3.3V, high bandwith, 2-to-1 high definition multimedia interface (HDMI) switch with single enable
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHDMI001A Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STHDMI001A Datasheet HTML 7Page - STMicroelectronics STHDMI001A Datasheet HTML 8Page - STMicroelectronics STHDMI001A Datasheet HTML 9Page - STMicroelectronics STHDMI001A Datasheet HTML 10Page - STMicroelectronics STHDMI001A Datasheet HTML 11Page - STMicroelectronics STHDMI001A Datasheet HTML 12Page - STMicroelectronics STHDMI001A Datasheet HTML 13Page - STMicroelectronics STHDMI001A Datasheet HTML 14Page - STMicroelectronics STHDMI001A Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STHDMI001A
4 Dynamic characteristics
11/17
4.1
Timing characteristics
Figure 4.
Enable and disable timings
Figure 5.
Output skew
Output
SEL
Output
V
CC /2
VCC/2
t
PZL
1.25V
t
PZH
1.25V
2.5V
0V
VOH
V
OL
VOH
V
OL
V
OH –0 .3
VOL + 0.3
t
PLZ
t
PH Z
Output
SEL
Output
V
CC /2
VCC/2
t
PZL
1.25V
t
PZH
1.25V
2.5V
0V
VOH
V
OL
VOH
V
OL
V
OH –0 .3
VOL + 0.3
t
PLZ
t
PH Z
Data Out at Port A
2.5V
t
PLHX
t
PHLX
Data In
Data Out at Port B
t
PLHY
t
SK (o)
3.5V
2.5V
1.5V
VOH
V
OL
2.5V
V
OH
2.5V
V
OL
t
PHLY
t
SK (o) = | tPLHy
–t
PLHx
| or | t
PHLy
–t
PHLx
|
Data Out at Port A
2.5V
t
PLHX
t
PHLX
Data In
Data Out at Port B
t
PLHY
t
SK (o)
3.5V
2.5V
1.5V
VOH
V
OL
2.5V
V
OH
2.5V
V
OL
t
PHLY
t
SK (o) = | tPLHy
–t
PLHx
| or | t
PHLy
–t
PHLx
|
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com