Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STHVDAC-253M Datasheet(PDF) 11 Page - STMicroelectronics

Part # STHVDAC-253M
Description  Antenna tuning circuit
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHVDAC-253M Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STHVDAC-253M Datasheet HTML 7Page - STMicroelectronics STHVDAC-253M Datasheet HTML 8Page - STMicroelectronics STHVDAC-253M Datasheet HTML 9Page - STMicroelectronics STHVDAC-253M Datasheet HTML 10Page - STMicroelectronics STHVDAC-253M Datasheet HTML 11Page - STMicroelectronics STHVDAC-253M Datasheet HTML 12Page - STMicroelectronics STHVDAC-253M Datasheet HTML 13Page - STMicroelectronics STHVDAC-253M Datasheet HTML 14Page - STMicroelectronics STHVDAC-253M Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
DocID025735 Rev 1
11/27
STHVDAC-253M
Theory of operation
27
3.8
Power-up / down sequence
Table 7
and Figure 4 describe the HVDAC settling time requirements and recommended
timing diagrams.
Switching from shutdown to active mode is triggered by setting VIO to high level.
Switching from active to low power mode will occur by setting PWR_MODE bits to 10b in
register 28.
Switching from low power to active mode will occur by setting power mode bits to 01b in
register 28
Following active mode command (from Shutdown or from Low power), the HVDAC will be
operational after Tactive (typ. 100 µs). Once in Active mode, a settling time of 10 µs typical
(Tset) is required following each DAC command in active mode. During this settling time the
HVDAC output voltages will vary from the initial to the updated DAC command.
Figure 4. Power up and low power sequence
3.9
Power supply sequencing
It is assumed that the AVDD input will be directly supplied from the battery and will then be
the first ON.
VIO should then be switched as described in previous sections.
DAC
Low power
DAC
Active
Shut down
Active
Low power
Active
Shut
down
Active
VBATT
VIO
MIPI_CLK_DATA
V HV
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com