Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STHVDAC-253M Datasheet(PDF) 24 Page - STMicroelectronics

Part # STHVDAC-253M
Description  Antenna tuning circuit
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHVDAC-253M Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STHVDAC-253M Datasheet HTML 19Page - STMicroelectronics STHVDAC-253M Datasheet HTML 20Page - STMicroelectronics STHVDAC-253M Datasheet HTML 21Page - STMicroelectronics STHVDAC-253M Datasheet HTML 22Page - STMicroelectronics STHVDAC-253M Datasheet HTML 23Page - STMicroelectronics STHVDAC-253M Datasheet HTML 24Page - STMicroelectronics STHVDAC-253M Datasheet HTML 25Page - STMicroelectronics STHVDAC-253M Datasheet HTML 26Page - STMicroelectronics STHVDAC-253M Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
Package information
STHVDAC-253M
24/27
DocID025735 Rev 1
6
Package information
•
Epoxy meets UL94, V0
•
Lead-free package
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 16. Package dimensions
Figure 17. Footprint
Figure 18. Marking
1.7 mm ± 50 µm
0.2 mm
A1
0.25 mm
250 µm ± 30
400 µm ± 50
600 µm ± 55 µm
220 µm recommended
220 µm recommended
260 µm maximum
Solder stencil opening:
Copper pad diameter:
Solder mask opening:
300 µm minimum
x
y
x
w
z
w
Dot, ST logo
xx = marking
yww = datecode
(y = year
ww = week)
z = packaging location
ECOPAK grade



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com