| Electronic Components Datasheet Search |
|
STHVDAC-253M Datasheet(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STHVDAC-253M Datasheet(HTML) 12 Page - STMicroelectronics |
|
12 / 27 page ![]() Theory of operation STHVDAC-253M 12/27 DocID025735 Rev 1 3.10 Trigger Mode To meet precise timing requirements and avoid RFFE interface traffic congestion at critical timing, trigger mode has been implemented in the RFFE interface. Two triggers (TRIG0 and TRIG1) are available and can be controlled through the RFFE interface. Registers 0 and 1 (DAC C and DAC B) are associated to TRIG0, and register 2 (DAC A) is associated to TRIG1. Each trigger can be activated independently. 3.10.1 Trigger mode enabled: The different triggers are enabled unsetting corresponding trigger mask bits in register 28. In this case, once in ACTIVE mode, the following sequence must be followed to control the HVDAC outputs: Send any valid register 0/1/2 write command sequence. The new register values will be temporarily stored in shadow registers. Send a register28 write command sequence, setting trigger bits and keeping Trigger mask bits low. The shadow registers will be loaded to destination registers and this will trigger the corresponding DAC outputs to their new values (see Figure 5). 3.10.2 Trigger mode disabled (default mode): The different triggers are disabled setting corresponding trigger mask bits in register 28. In this case, any valid register write command sequence is directly loaded to the destination register, directly triggering the corresponding DAC output to its new value. The following logic diagram illustrates the trigger mode function. By default the trigger mode is disable and the data are directly sent to the register in order to change the outputs without Trigger. Figure 5. Logic diagram trigger mode SHADOW_REGISTER_B and C OUTPUT_C SHADOW_REGISTER_A REGISTER_A OUTPUT_A TRIG_MASK_1 TRIG_1 TRIG_MASK_1 TRIG_0 TRIG_MASK_0 REGISTER_B and C OUTPUT_B TRIG_MASK_0 DATA_A True data to register True data to register False data to shadow False data to shadow DATA_B DATA_C |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |