Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NAND256R3A0AV6T Datasheet(PDF) 18 Page - STMicroelectronics

Part # NAND256R3A0AV6T
Description  128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND256R3A0AV6T Datasheet(HTML) 18 Page - STMicroelectronics

Back Button NAND256R3A0AV6T Datasheet HTML 14Page - STMicroelectronics NAND256R3A0AV6T Datasheet HTML 15Page - STMicroelectronics NAND256R3A0AV6T Datasheet HTML 16Page - STMicroelectronics NAND256R3A0AV6T Datasheet HTML 17Page - STMicroelectronics NAND256R3A0AV6T Datasheet HTML 18Page - STMicroelectronics NAND256R3A0AV6T Datasheet HTML 19Page - STMicroelectronics NAND256R3A0AV6T Datasheet HTML 20Page - STMicroelectronics NAND256R3A0AV6T Datasheet HTML 21Page - STMicroelectronics NAND256R3A0AV6T Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 57 page
background image
NAND128-A, NAND256-A, NAND512-A, NAND01G-A
18/57
Table 6. Address Insertion, x8 Devices
Note: 1. A8 is set Low or High by the 00h or 01h Command, see Pointer Operations section.
2. Any additional address input cycles will be ignored.
3. The 4th cycle is only required for 512Mb and 1Gb devices.
Table 7. Address Insertion, x16 Devices
Note: 1. A8 is Don’t Care in x16 devices.
2. Any additional address input cycles will be ignored.
3. The 01h Command is not used in x16 devices.
4. The 4th cycle is only required for 512Mb and 1Gb devices.
Table 8. Address Definitions
Bus Cycle
I/O7
I/O6
I/O5
I/O4
I/O3
I/O2
I/O1
I/O0
1st
A7
A6
A5
A4
A3
A2
A1
A0
2nd
A16
A15
A14
A13
A12
A11
A10
A9
3rd
A24
A23
A22
A21
A20
A19
A18
A17
4th(4)
VIL
VIL
VIL
VIL
VIL
VIL
A26
A25
Bus
Cycle
I/O8-
I/O15
I/O7
I/O6
I/O5
I/O4
I/O3
I/O2
I/O1
I/O0
1st
X
A7
A6
A5
A4
A3
A2
A1
A0
2nd
X
A16
A15
A14
A13
A12
A11
A10
A9
3rd
X
A24
A23
A22
A21
A20
A19
A18
A17
4th(4)
X
VIL
VIL
VIL
VIL
VIL
VIL
A26
A25
Address
Definition
A0 - A7
Column Address
A9 - A26
Page Address
A9 - A13
Address in Block
A14 - A26
Block Address
A8
A8 is set Low or High by the 00h or 01h Command, and is
Don’t Care in x16 devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com