Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NAND256R3A0AV6T Datasheet(PDF) 54 Page - STMicroelectronics

Part # NAND256R3A0AV6T
Description  128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND256R3A0AV6T Datasheet(HTML) 54 Page - STMicroelectronics

Back Button NAND256R3A0AV6T Datasheet HTML 49Page - STMicroelectronics NAND256R3A0AV6T Datasheet HTML 50Page - STMicroelectronics NAND256R3A0AV6T Datasheet HTML 51Page - STMicroelectronics NAND256R3A0AV6T Datasheet HTML 52Page - STMicroelectronics NAND256R3A0AV6T Datasheet HTML 53Page - STMicroelectronics NAND256R3A0AV6T Datasheet HTML 54Page - STMicroelectronics NAND256R3A0AV6T Datasheet HTML 55Page - STMicroelectronics NAND256R3A0AV6T Datasheet HTML 56Page - STMicroelectronics NAND256R3A0AV6T Datasheet HTML 57Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 54 / 57 page
background image
NAND128-A, NAND256-A, NAND512-A, NAND01G-A
54/57
APPENDIX A. HARDWARE INTERFACE EXAMPLES
Nand Flash devices can be connected to a micro-
controller system bus for code and data storage.
For microcontrollers that have an embedded
NAND controller the NAND Flash can be connect-
ed without the addition of glue logic (see
Figure 43.). However a minimum of glue logic is
required for general purpose microcontrollers that
do not have an embedded NAND controller. The
glue logic usually consists of a flip-flop to hold the
Chip Enable, Address Latch Enable and Com-
mand Latch Enable signals stable during com-
mand and address latch operations, and some
logic gates to simplify the firmware or make the de-
sign more robust.
Figure 44. gives an example of how to connect a
NAND Flash to a general purpose microcontroller.
The additional OR gates allow the microcontrol-
ler’s Output Enable and Write Enable signals to be
used for other peripherals. The OR gate between
A3 and CSn maps the flip-flop and NAND I/O in
different address spaces inside the same chip se-
lect unit, which improves the setup and hold times
and simplifies the firmware. The structure uses the
microcontroller DMA (Direct Memory Access) en-
gines to optimize the transfer between the NAND
Flash and the system RAM.
For any interface with glue logic, the extra delay
caused by the gates and flip-flop must be taken
into account. This delay must be added to the mi-
crocontroller’s AC characteristics and register set-
tings to get the NAND Flash setup and hold times.
For mass storage applications (hard disk emula-
tions or systems where a huge amount of storage
is required) NAND Flash memories can be con-
nected together to build storage modules (see Fig-
ure 45.).
Figure 43. Connection to Microcontroller, Without Glue Logic
AI08045b
R
W
I/O
E
AL
CL
W
G
CSn
AD(24:16)
Microcontroller
NAND
Flash
DQ
WP
RB
PWAITEN
AD17
AD16
VDD
VDD or VSS
or General Purpose I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com